| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADMC300BST bảng dữ liệu(PDF) 39 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMC300BST bảng dữ liệu(HTML) 39 Page - Analog Devices |
|
39 / 42 page ![]() ADMC300 –39– REV. B AUXTIM1 (W) DM (0x2011) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 AUXTIM0 (W) DM (0x2010) AUX0 DUTY CYCLE = AUXTIM0/256 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 AUX1 DUTY CYCLE = AUXTIM1/256 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 15 14 13 12 11 10 9 8 7654 3 2 1 0 ETUA0 (R) ETUB0 (R) ETUAA0 (R) ETUA1 (R) ETUB1 (R) ETUAA1 (R) ETUTIME (R) DM (0x2050) DM (0x2051) DM (0x2052) DM (0x2053) DM (0x2054) DM (0x2055) DM (0x2056) ETUCONFIG (R/W) DM (0x205C) ETU1 EVENT A ETU1 EVENT B ETU1 INTERRUPT ETU1 MODE ETU0 EVENT A ETU0 EVENT B ETU0 INTERRUPT ETU0 MODE 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 = FALLING EDGE 1 = RISING EDGE 0 = FALLING EDGE 1 = RISING EDGE 0 = NEXT EVENT A 1 = EVENT B 0 = SINGLE-SHOT 1 = FREE-RUNNING 0 = FALLING EDGE 1 = RISING EDGE 0 = FALLING EDGE 1 = RISING EDGE 0 = NEXT EVENT A 1 = EVENT B 0 = SINGLE-SHOT 1 = FREE-RUNNING ETUDIVIDE (R/W) DM (0x205D) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 0 0 0 0 0 0 00 0 0 00 0 ETUSTAT (R) DM (0x205E) ETU1 ETU0 0 = NOT CAPTURED 1 = SEQUENCE CAPTURED 0 = NOT CAPTURED 1 = SEQUENCE CAPTURED DM (0x205F) ETU1 ETU0 ETUCTRL (R/W) 0 = DO NOT START 1 = START CAPTURE 0 = DO NOT CAPTURE 1 = START CAPTURE 0 0 0 0 0 0 0 00 0 0 00 0 0 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Figure 26. Configuration of ADMC300 Registers Default bit values are shown; if no value is shown, the bit field is undefined at reset for R/W registers. Reserved bits are shown on a gray field – these bits should always be written as shown. |