| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8523T/1 bảng dữ liệu(PDF) 72 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8523T/1 bảng dữ liệu(HTML) 72 Page - NXP Semiconductors |
|
72 / 75 page ![]() PCF8523 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 4 — 5 July 2012 72 of 74 NXP Semiconductors PCF8523 Real-Time Clock (RTC) and calendar 26. Figures Fig 1. Block diagram of PCF8523 . . . . . . . . . . . . . . . . . .3 Fig 2. Pin configuration for SO8 (PCF8523T) . . . . . . . . .4 Fig 3. Pin configuration for HVSON8 (PCF8523TK) . . . .4 Fig 4. Pin configuration for TSSOP14 (PCF8523TS). . . .4 Fig 5. Pin configuration for PCF8523U . . . . . . . . . . . . . .5 Fig 6. Auto-incrementing of the registers . . . . . . . . . . . . .7 Fig 7. Software reset command . . . . . . . . . . . . . . . . . . .12 Fig 8. Interrupt block diagram . . . . . . . . . . . . . . . . . . . .14 Fig 9. Battery switch-over behavior in standard mode and with bit BSIE set logic 1 (enabled) . . . . . . . .17 Fig 10. Battery switch-over behavior in direct switching mode and with bit BSIE set logic 1 (enabled) . . .18 Fig 11. Battery low detection behavior with bit BLIE set logic 1 (enabled) . . . . . . . . . . . . . . . . . . . . . .19 Fig 12. OS flag . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .21 Fig 13. Data flow diagram of the time function. . . . . . . . .23 Fig 14. Access time for read/write operations . . . . . . . . .23 Fig 15. Alarm function block diagram. . . . . . . . . . . . . . . .25 Fig 16. Alarm flag timing . . . . . . . . . . . . . . . . . . . . . . . . .26 Fig 17. AF timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .27 Fig 18. Offset calibration calculation workflow . . . . . . . . .31 Fig 19. Watchdog activates an interrupt when timed out .36 Fig 20. General countdown timer behavior . . . . . . . . . . .37 Fig 21. General countdown timer behavior . . . . . . . . . . .38 Fig 22. Example for second interrupt when TAM = 1 . . . .40 Fig 23. Example for second interrupt when TAM = 0 . . . .40 Fig 24. Example of shortening the INT1 pulse by clearing the SF flag . . . . . . . . . . . . . . . . . . . . . . .41 Fig 25. Example of shortening the INT1 pulse by clearing the CTAF flag . . . . . . . . . . . . . . . . . . . . .42 Fig 26. STOP bit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .43 Fig 27. STOP bit release timing . . . . . . . . . . . . . . . . . . . .43 Fig 28. Bit transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .45 Fig 29. Definition of START and STOP conditions. . . . . .45 Fig 30. System configuration . . . . . . . . . . . . . . . . . . . . . .46 Fig 31. Acknowledgement on the I2C-bus . . . . . . . . . . . .46 Fig 32. Bus protocol for write mode . . . . . . . . . . . . . . . . .47 Fig 33. Bus protocol for read mode . . . . . . . . . . . . . . . . .47 Fig 34. Device diode protection diagram of PCF8523 . .48 Fig 35. I2C-bus timing diagram; rise and fall times refer to 30 % and 70 % . . . . . . . . . . . . . . . . . . . . . . . .53 Fig 36. Application diagram . . . . . . . . . . . . . . . . . . . . . . .53 Fig 37. Package outline SOT96-1 (SO8) of PCF8523T. .54 Fig 38. Package outline SOT909-1 (HVSON8) of PCF8523TK . . . . . . . . . . . . . . . . . . . . . . . . . . . . .55 Fig 39. Package outline SOT402-1 (TSSOP14) of PCF8523TS . . . . . . . . . . . . . . . . . . . . . . . . . . . . .56 Fig 40. Bare die outline of PCF8523U . . . . . . . . . . . . . . .57 Fig 41. Alignment mark . . . . . . . . . . . . . . . . . . . . . . . . . .58 Fig 42. Tape and reel details for PCF8523 . . . . . . . . . . .59 Fig 43. PCF8523U wafer information. . . . . . . . . . . . . . . .60 Fig 44. Film Frame Carrier (FFC) (for PCF8523U) . . . . .61 Fig 45. Temperature profiles for large and small components . . . . . . . . . . . . . . . . . . . . . . . . . . . . .64 Fig 46. Footprint information for reflow soldering of SOT96-1 (SO8) of PCF8523T . . . . . . . . . . . . . . .64 Fig 47. Footprint information for reflow soldering of SOT402-1 (TSSOP14) of PCF8523TS . . . . . . . . 65 |