| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9873 bảng dữ liệu(PDF) 20 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9873 bảng dữ liệu(HTML) 20 Page - Analog Devices |
|
20 / 39 page ![]() REV. 0 AD9873 –20– THEORY OF OPERATION To gain a general understanding of the AD9873 it is helpful to refer to Figure 1, which displays a block diagram of the device MUX 8 8 10 12 AD9873 I INPUT Q INPUT IF10 INPUT IF12 INPUT VIDEO INPUT ADC ADC ADC ADC DAC 2 (fOSCIN) 2 (fOSCIN) 2 MUX MUX REF-8 REF-10 REF-12 CLAMP LEVEL 12 CONTROL WORD 0 12 CONTROL WORD 1 OSC IN MULTIPLIER M M = 1,2,.......,31 DAC 12 MUX INV SINC SIN COS DDS 12 12 12 12 12 12 2 2 R N 8 R = 2,3,.......,63 N = 3,4 (fMCLK)(fIQCLK) I Q 6 DATA ASSEMBLER HALF-BAND FILTER #1 HALF-BAND FILTER #2 CIC FILTER QUADRATURE MODULATOR AD832x CTRL BURST PROFILE CTRL SERIAL INTERFACE 3 2 4 Rx - ITF SDELTA1 SDELTA0 OSC IN XTAL Tx FSADJ Tx IQ Tx SYNC MCLK REF CLK Rx IQ Rx SYNC Rx IF INV SINC BYPASS (fOSCIN) (fSYSCLK) 4 12 - - Figure 1. Block Diagram architecture. The following is a general description of the device functionality. Later sections will detail each of the data path build- ing blocks. |