| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9845A bảng dữ liệu(PDF) 20 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9845A bảng dữ liệu(HTML) 20 Page - Analog Devices |
|
20 / 22 page ![]() REV. 0 AD9845A –20– CCD CCDIN BUFFER VOUT 0.1 F AD9845A ADCOUT REGISTER DATA SERIAL INTERFACE DIGITAL OUTPUTS DIGITAL IMAGE PROCESSING ASIC TIMING GENERATOR V-DRIVE CCD TIMING CDS/CLAMP TIMING Figure 32. System Applications Diagram APPLICATIONS INFORMATION The AD9845A is a complete Analog Front End (AFE) product for digital still camera and camcorder applications. As shown in Figure 32, the CCD image (pixel) data is buffered and sent to the AD9845A analog input through a series input capacitor. The AD9845A performs the dc restoration, CDS, gain adjust- ment, black level correction, and analog-to-digital conversion. The AD9845A’s digital output data is then processed by the image processing ASIC. The internal registers of the AD984x— used to control gain, offset level, and other functions—are programmed by the ASIC or microprocessor through a 3-wire serial digital interface. A system timing generator provides the clock signals for both the CCD and the AFE. |