| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9432 bảng dữ liệu(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9432 bảng dữ liệu(HTML) 14 Page - Analog Devices |
|
14 / 20 page ![]() REV. E AD9432 –14– PCB Bill of Materials # Quantity REFDES Device Package Value 1 30 C1–C8, C10–C13, C17, C19–C22, Capacitor 603 0.1 µF C27–C29, C41, C42, C47, C48, C53, C56, C58, C60, C61, C70 2 1 C9 Capacitor 603 0.01 µF 3 4 C14, C18, C31, C34 Capacitor CAPTAJD 10 µF 4 1 C15 Capacitor CAPTAJD 1 µF 5 18 E1–E13, E30, E32, E40, E42, E43 E-HOLE Test Point 6 3 P1, P2, P3 Connector SMB 7 1 P7 37-Pin Connector Female AMP 747462-2 8 2 P30, P40 Power Connector 9 6 R1, R2, R7, R8, R10, R18 Resistor 1206 50 Ω (R1, R2, R10 Optional) 10 2 R3, R35 Resistor 1206 100 Ω 11 4 R25, R26, R31, R32 Resistor 1206 500 Ω 12 2 R6, R24 Resistor 1206 2 k Ω 13 4 RP1–RP4 RES PAK 100 Ω 14 1 T1 Transformer Mini-Circuits ADT1-1WT 15 1 U1 DAC SOIC AD9752 16 1 U2 Reference (Not Supplied) SOIC AD780N 17 2 U3, U4 Inverter (U4 Not Supplied) SC70 NC7SZ04P5 18 1 U9 ADC 52QFP AD9432 19 2 U12–U13 Latch SOIC 74AC574M 20 1 Z1 PECL/TTL Translator SOIC MC100ELT23 21 2 Z2, Z3 Differential Receiver SOIC MC10EL16 22 3 R4, R5, R15 Resistor 1206 24.9 Ω |