| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD8532ARM bảng dữ liệu(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8532ARM bảng dữ liệu(HTML) 16 Page - Analog Devices |
|
16 / 16 page ![]() AD8531/AD8532/AD8534 REV. D –16– Revision History Location Page 10/02—Data Sheet changed from REV. C to REV. D. Deleted 8-Lead PDIP (N-8) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Universal Deleted 14-Lead PDIP (N-14) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Universal Edits to Figure 34 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Updated OUTLINE DIMENSIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 14-Lead Standard Small Outline Package [SOIC] Narrow Body (RN-14) Dimensions shown in millimeters and (inches) CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN COPLANARITY 0.10 14 8 7 1 6.20 (0.2441) 5.80 (0.2283) 4.00 (0.1575) 3.80 (0.1496) 8.75 (0.3445) 8.55 (0.3366) 1.27 (0.0500) BSC SEATING PLANE 0.25 (0.0098) 0.10 (0.0039) 0.51 (0.0201) 0.33 (0.0130) 1.75 (0.0689) 1.35 (0.0531) 8 0 0.50 (0.0197) 0.25 (0.0098) 45 1.27 (0.0500) 0.40 (0.0157) 0.25 (0.0098) 0.19 (0.0075) OUTLINE DIMENSIONS |