công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8326 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện AD8326
Giải thích chi tiết về linh kiện  High Output Power Programmable CATV Line Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8326 bảng dữ liệu(HTML) 1 Page - Analog Devices

  AD8326 Datasheet HTML 1Page - Analog Devices AD8326 Datasheet HTML 2Page - Analog Devices AD8326 Datasheet HTML 3Page - Analog Devices AD8326 Datasheet HTML 4Page - Analog Devices AD8326 Datasheet HTML 5Page - Analog Devices AD8326 Datasheet HTML 6Page - Analog Devices AD8326 Datasheet HTML 7Page - Analog Devices AD8326 Datasheet HTML 8Page - Analog Devices AD8326 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD8326
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
High Output Power
Programmable CATV Line Driver
FUNCTIONAL BLOCK DIAGRAM
DIFF OR
SINGLE
INPUT
AMP
ATTENUATION
CORE
ZOUT DIFF =
75
8
8
8
ZIN (SINGLE) = 800
ZIN (DIFF) = 1.6k
AD8326
DATEN
DATA
CLK
VEE (10 PINS)
TXEN
SLEEP
VOUT+
VOUT–
VCC (7 PINS)
VIN+
VIN–
VERNIER
DECODE
DATA LATCH
SHIFT
REGISTER
POWER-DOWN
LOGIC
POWER
AMP
BYP
GND
FEATURES
Supports DOCSIS Standard for Reverse Path
Transmission
Gain Programmable in 0.75 dB Steps over a 53.5 dB Range
Low Distortion at 65 dBmV Output
–62 dBc SFDR at 21 MHz
–58 dBc SFDR at 65 MHz
1 dB Compression of 25 dBm at 10 MHz
Output Noise Level
–45 dBmV in 160 kHz
Maintains 75
Output Impedance
Power-Up and Power-Down Condition
Upper Bandwidth: 100 MHz (Full Gain Range)
Single or Dual Supply Operation
APPLICATIONS
Gain-Programmable Line Driver
CATV Telephony Modems
CATV Terminal Devices
General-Purpose Digitally Controlled Variable Gain Block
–40
–45
–50
–55
–60
–65
–70
–75
–80
5
15
25
35
45
55
65
FREQUENCY – MHz
ARP(VS = +12V)
ARE(VS = 5V)
ARP(VO = 69dBmV)
ARP(VO = 67dBmV)
ARE(VO = 65dBmV)
ARE(VO = 62dBmV)
Figure 1. Worst Harmonic Distortion vs. Frequency
GENERAL DESCRIPTION
The AD8326 is a high-output power, digitally controlled, vari-
able gain amplifier optimized for coaxial line driving applications
such as data and telephony cable modems that are designed to
the MCNS-DOCSIS upstream standard. An 8-bit serial word
determines the desired output gain over a 53.5 dB range result-
ing in gain changes of 0.75 dB/LSB. The AD8326 is offered in
two models, each optimized to support the desired output power
and resulting performance.
The AD8326 comprises a digitally controlled variable attenuator
of 0 dB to –54 dB, that is preceded by a low noise, fixed-gain
buffer and is followed by a low distortion high-power amplifier.
The AD8326 accepts a differential or single-ended input signal.
The output is designed to drive a 75
Ω load, such as coaxial
cable, although the AD8326 is capable of driving other loads.
When driving 67 dBm into a 75
Ω load, the AD8326ARP
provides a worst harmonic of only –59 dBc at 21 MHz and
–57 dBc at 42 MHz. When driving 65 dBmV into a 75
Ω load,
the AD8326ARE provides a worst harmonic of only –62 dBc at
21 MHz and –60 dBc at 42 MHz.
The differential output of the AD8326 is compliant with DOCSIS
paragraph 4.2.10.2 for “Spurious Emissions During Burst On/Off
Transients.” In addition, this device has a sleep mode function
that reduces the quiescent current to 4 mA.
The AD8326 is packaged in a low-cost 28-lead TSSOP and a
28-lead P (power) SOIC. Both devices have an operational tem-
perature range of –40
°C to +85°C.


Số phần tương tự - AD8326

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8326 AD-AD8326_15 Datasheet
1Mb / 24P
High Output Power Programmable CATV Line Driver
REV. 0
More results

Mô tả tương tự - AD8326

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8321 AD-AD8321 Datasheet
660Kb / 19P
Gain Programmable CATV Line Driver
REV.0
AD8322 AD-AD8322 Datasheet
243Kb / 16P
5 V CATV Line Driver Coarse Step Output Power Control
REV.0
AD8323 AD-AD8323 Datasheet
277Kb / 16P
5 V CATV Line Driver Fine Step Output Power Control
71-Dec-2026
AD8327 AD-AD8327 Datasheet
307Kb / 20P
5 V CATV Line Driver Coarse Step Output Power Control
REV.0
AD8325 AD-AD8325 Datasheet
304Kb / 16P
5 V CATV Line Driver Fine Step Output Power Control
79-Dec-2029
AD8321ARZ AD-AD8321ARZ Datasheet
593Kb / 20P
Gain Programmable CATV Line DRiver
REV. A
AD8322 AD-AD8322_15 Datasheet
687Kb / 16P
5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
AD8323 AD-AD8323_15 Datasheet
715Kb / 16P
5 V CATV Line Driver Fine Step Output Power Control
REV. 0
AD8326 AD-AD8326_15 Datasheet
1Mb / 24P
High Output Power Programmable CATV Line Driver
REV. 0
AD8327 AD-AD8327_15 Datasheet
885Kb / 20P
5 V CATV Line Driver Coarse Step Output Power Control
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com