công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VMB0004MFT bảng dữ liệu(PDF) 2 Page - Vicor Corporation

tên linh kiện VMB0004MFT
Giải thích chi tiết về linh kiện  BCM Bus Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VICOR [Vicor Corporation]
Trang chủ  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VMB0004MFT bảng dữ liệu(HTML) 2 Page - Vicor Corporation

  VMB0004MFT Datasheet HTML 1Page - Vicor Corporation VMB0004MFT Datasheet HTML 2Page - Vicor Corporation VMB0004MFT Datasheet HTML 3Page - Vicor Corporation VMB0004MFT Datasheet HTML 4Page - Vicor Corporation VMB0004MFT Datasheet HTML 5Page - Vicor Corporation VMB0004MFT Datasheet HTML 6Page - Vicor Corporation VMB0004MFT Datasheet HTML 7Page - Vicor Corporation VMB0004MFT Datasheet HTML 8Page - Vicor Corporation VMB0004MFT Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Rev. 1.6
2/2010
Page 2 of 19
V•I CHIP INC. (A VICOR COMPANY) 25 FRONTAGE RD. ANDOVER, MA 01810 800-735-6200
vicorpower.com
PRELIMINARY DATASHEET
VMB0004MFJ - VMB0004MFT
ABSOLUTE MAXIMUM RATINGS
+IN to –IN . . . . . . . . . . . . . . . . . . . . . . . . -1.0 Vdc – +400 Vdc
PC to –IN . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 Vdc – +20 Vdc
TM to –IN . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 Vdc – +7 Vdc
+IN/-IN to +OUT/-OUT . . . . . . . . . . . . . . . . . . . 4242 V (Hi Pot)
+IN/-IN to +OUT/-OUT . . . . . . . . . . . . . . . . . . . 500 V (working)
+OUT to –OUT . . . . . . . . . . . . . . . . . . . . . . -1.0 Vdc - +60 Vdc
Temperature during reflow . . . . . . . . . . . . . . . . 245°C (MSL 6)
PACKAGE ORDERING INFORMATION
PART NUMBER
DESCRIPTION
VMB0004MFJ
-55°C – 125°C TJ operating, J lead
VMB0004MFT
-55°C – 125°C TJ operating, Through hole
CONTROL PIN SPECIFICATIONS
See section 5.0 for further application details and guidelines
.
PC (V•I Chip BCM Primary Control)
The PC pin can enable and disable the BCM. When held below
VPC_DIS the BCM shall be disabled. When allowed to float with
an impedance to –IN of greater than 50 k
Ω the module will
start. When connected to another BCM PC pin, the BCMs will
start simultaneously when enabled. The PC pin is capable of
being driven high by either an external logic signal or internal
pull up to 5 V (operating).
TM (V•I Chip BCM Temperature Monitor)
The TM pin monitors the internal temperature of the BCM
within an accuracy of +5/-5°C. It has a room temperature
setpoint of ~3.0 V and an approximate gain of 10 mV/°C. It
can source up to 100 µA and may also be used as a “Power
Good” flag to verify that the BCM is operating.
-In
PC
RSV
TM
+In
-Out
+Out
-Out
+Out
Bottom View
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
4
3
2
1
A
B
C
D
E
H
J
K
L
M
N
P
R
T
Signal
Name
Designation
+In
A1-E1, A2-E2
–In
L1-T1, L2-T2
TM
H1, H2
RSV
J1, J2
PC
K1, K2
+Out
A3-D3, A4-D4,
J3-M3, J4-M4
–Out
E3-H3, E4-H4,
N3-T3, N4-T4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com