công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7891AS-2 bảng dữ liệu(PDF) 19 Page - Analog Devices

tên linh kiện AD7891AS-2
Giải thích chi tiết về linh kiện  LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7891AS-2 bảng dữ liệu(HTML) 19 Page - Analog Devices

Back Button AD7891AS-2 Datasheet HTML 12Page - Analog Devices AD7891AS-2 Datasheet HTML 13Page - Analog Devices AD7891AS-2 Datasheet HTML 14Page - Analog Devices AD7891AS-2 Datasheet HTML 15Page - Analog Devices AD7891AS-2 Datasheet HTML 16Page - Analog Devices AD7891AS-2 Datasheet HTML 17Page - Analog Devices AD7891AS-2 Datasheet HTML 18Page - Analog Devices AD7891AS-2 Datasheet HTML 19Page - Analog Devices AD7891AS-2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
AD7891
–19–
REV. A
Effective Number of Bits
The formula for signal to (noise + distortion) Ratio (see termi-
nology) is related to the resolution, or number of bits, of the
converter. Rewriting the formula, below, gives a measure of
performance expressed in effective number of bits (ENOB):
ENOB = (SNR - 1.76)/6.02
where SNR is the signal to (noise + distortion) ratio.
The effective number of bits for a device can be calculated from
its measured SNR. Figure 20 shows a typical plot of effective
number of bits versus frequency for the AD7891-1 and the
AD7891-2 from dc to 200 kHz. The sampling frequency is
500 kHz. The AD7891-1 inputs were configured for
±10 V
operation. The AD7891-2 inputs were configured for 0 to +5 V
operation. The AD7891-1 plot only goes to 100 kHz as a
±10 V sine wave of sufficient quality was unavailable at higher
frequencies.
Figure 20 shows that the AD7891-1 converts an input sine wave
of 100 kHz to an effective number of bits of of 11 which equates
to a signal-to-(noise + distortion) level of 68.02 dBs. The
AD7891-2 converts an input sine wave of 200 kHz to an effec-
tive number of bits of 11.07 which equates to a signal-to-(noise
+ distortion) level of 68.4 dBs.
FREQUENCY – kHz
12.0
11.9
11.1
40
80
120
11.5
11.4
11.3
11.2
11.7
11.6
11.8
20
0
60
100
140
160
180
200
11.0
AD7891-2 ENOB
AD7891-1 ENOB
Figure 20. Effective Number of Bits vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com