| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SCK bảng dữ liệu(PDF) 4 Page - MERITEK ELECTRONICS CORPORATION |
|
|
|||||||||||||||||||||||||||||
SCK bảng dữ liệu(HTML) 4 Page - MERITEK ELECTRONICS CORPORATION |
|
4 / 5 page ![]() SCK 20 10 Part No Zero Power Resistance at 25 oC ( ) Max.Steady State Current at 25 oC ( A ) Residual Resistance at 25 oC ( m ) Max. Power rating at 25 oC (W) Thermal Dissipation Constant ( mW/ oC ) Thermal Time Constant ( Sec. ) Operating Temperature ( oC ) SCK20-0R7 0.7 15 35 SCK20-1R0 1 13 34 SCK20-1R5 1.5 10.5 41 SCK20-2R0 2 10 62 SCK20-2R5 2.5 9 83 SCK20-3R0 3 8.5 78 SCK20-4R0 4 8 80 SCK20-4R7 4.7 7.5 114 SCK20-5R0 5 7.5 118 SCK20-6R0 6 7 120 SCK20-6R8 6.8 6.5 130 SCK20-7R0 7 6.5 132 SCK20-8R0 8 6 161 SCK20-100 10 5.5 196 SCK20-120 12 5 197 SCK20-130 13 5 213 SCK20-150 15 4.5 258 SCK20-160 16 4.5 276 SCK20-180 18 4 280 SCK20-200 20 4 306 4.9 28 113 -40~+200 SCK 25 Part No Zero Power Resistance at 25 oC ( ) Max.Steady State Current at 25 oC ( A ) Residual Resistance at 25 oC ( m ) Max. Power rating at 25 oC (W) Thermal Dissipation Constant ( mW/ oC ) Thermal Time Constant ( Sec. ) Operating Temperature ( oC ) SCK25-1R0 1 20 20 SCK25-1R5 1.5 18.5 23 SCK25-2R0 2 18 25 SCK25-2R5 2.5 15 32 SCK25-3R0 3 14.5 42 SCK25-4R0 4 14 44 SCK25-4R7 4.7 13 52 SCK25-5R0 5 12 61 SCK25-6R8 6.8 10.5 82 SCK25-7R0 7 10 92 SCK25-8R0 8 9 115 SCK25-100 10 8 141 SCK25-120 12 7.5 164 SCK25-150 15 6.5 210 SCK25-180 18 5.5 231 SCK25-200 20 5 270 7.0 30 130 -40~+200 MERITEK NTC Power Thermistors SCK Series |