công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7809BST bảng dữ liệu(PDF) 25 Page - Analog Devices

tên linh kiện AD7809BST
Giải thích chi tiết về linh kiện  3.3 V to 5 V Quad/Octal 10-Bit DACs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7809BST bảng dữ liệu(HTML) 25 Page - Analog Devices

Back Button AD7809BST Datasheet HTML 20Page - Analog Devices AD7809BST Datasheet HTML 21Page - Analog Devices AD7809BST Datasheet HTML 22Page - Analog Devices AD7809BST Datasheet HTML 23Page - Analog Devices AD7809BST Datasheet HTML 24Page - Analog Devices AD7809BST Datasheet HTML 25Page - Analog Devices AD7809BST Datasheet HTML 26Page - Analog Devices AD7809BST Datasheet HTML 27Page - Analog Devices AD7809BST Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD7804/AD7805/AD7808/AD7809
–25–
REV. A
Dual External Reference Input Capability
It is possible to operate the AD7804/AD7805/AD7808/AD7809
with two externally applied references. Figure 45 shows the
connections for the AD7804. Reference one, the AD589, is
connected to the REFIN pin of the part; the second reference,
the AD780, is used to overdrive the internal VDD/2 reference
which is provided at the COMP pin of the device. With the
circuit shown in Figure 45 it is possible to configure two of the
channels for operation with the AD780 2.5 V reference and the
other two with the AD589 1.23 V reference. The channel con-
trol register allows the user to select the reference for the indi-
vidual channels.
DVDD
0.01 F
0.1 F
10 F
AD589
+5V
0.1 F
AD780
VIN
GND
VO
6.8k
SERIAL
INTERFACE
AD7804
AVDD
VOUTA
VOUTB
VOUTC
VOUTD
AGND
DGND
LDAC
CLR
COMP
FSIN
SDIN
CLKIN
DVDD
REFOUT
REFIN
Figure 45. Two Externally Applied References
+5V
0.01 F
AD7805
AVDD
DVDD
VOUTA
VOUTB
VOUTC
VOUTD
AGND
DGND
LDAC
CLR
COMP
MODE
D9
D0
CS
WR
DVDD
0.1 F
10 F
0.01 F
IN1
VC1
IN2
VC2
IN3
VC3
IN4
VC4
SSM2164
+15V
–15V
–V
VIN3VIN4
500
560pF
30k
30k
500
560pF
VIN2 VIN1
+V
100pF
30k
+15V
–15V
VOUTA
1/2
OP275
500
560pF
500
560pF
30k
30k
100pF
30k
+15V
–15V
VOUTB
1/2
OP275
Figure 44. Low Cost, Two-Channel Mixer
Low Cost, Two-Channel Mixer Using AD7805, SSM2164 and
OP275
The SSM2164 is a quad voltage controlled amplifier (VCA)
with 120 dB of gain control range. Each VCA in the package is
a current in, current out device with a –33 mV/dB voltage con-
trol input port. Figure 44 shows a basic application circuit
which can be used to implement a low cost stereo, two channel
mixer. A 30 k
Ω resistor converts the input voltage to an input
current for the VCA. The 500
Ω resistor and 560 pF capacitor
on the input are added to ensure stable operation of the
SSM2164. The IOUT pin of the SSM2164 should be maintained
at virtual ground and thus the OP275 is operated in its inverting
mode. Its wide bandwidth, high slew rate and low power make it
ideal for a current to voltage converter. A 30 k
Ω feedback resis-
tor is chosen to match the input resistor and thus give unity gain
for a zero volt control voltage input. The 100 pF capacitors
reduce high frequency noise and can be increased to reduce the
low pass cutoff frequency for further noise reduction. The
AD7805 in the circuit is used to control the attenuation of the
VCA, this application circuit only gives attenuation. The voltage
output from the AD7805 provides a low impedance drive to the
SSM2164 so attenuation can be controlled accurately. With a
5 V VDD and a VBIAS of VDD/2 the AD7805 has an LSB size of
approximately 4.5 mV. Therefore, the attenuation can be con-
trolled with a resolution of 0.136 dB/bit and thus 750 codes are
required to provide the full 100 dB of attenuation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com