công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD779BD bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện AD779BD
Giải thích chi tiết về linh kiện  14-Bit 128 kSPS Complete Sampling ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD779BD bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button AD779BD Datasheet HTML 4Page - Analog Devices AD779BD Datasheet HTML 5Page - Analog Devices AD779BD Datasheet HTML 6Page - Analog Devices AD779BD Datasheet HTML 7Page - Analog Devices AD779BD Datasheet HTML 8Page - Analog Devices AD779BD Datasheet HTML 9Page - Analog Devices AD779BD Datasheet HTML 10Page - Analog Devices AD779BD Datasheet HTML 11Page - Analog Devices AD779BD Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD779
–8–
REV. B
CONVERSION CONTROL
Before a conversion is started, End-of-Convert (EOC) is HIGH
and the sample-hold is in track mode. A conversion is started by
bringing SC LOW, regardless of the state of CS.
After a conversion is started, the sample-hold goes into hold
mode and EOC goes LOW, signifying that a conversion is in
progress. During the conversion, the sample-hold will go back
into track mode and start acquiring the next sample.
In track mode, the sample-hold will settle to
±0.003% (14 bits)
in 1.5
µs maximum. The acquisition time does not affect the
throughput rate as the AD779 goes back into track mode more
than 2
µs before the next conversion. In multichannel systems,
the input channel can be switched as soon as EOC goes LOW if
the maximum throughput rate is needed.
When EOC goes HIGH, the conversion is completed and the
output data may be read. Bringing OE LOW makes the output
register contents available on the output data bits (DB13–DB0).
A period of time tCD is required after OE is brought HIGH
before the next SC instruction is issued.
If SC is held LOW, conversion accuracy may deteriorate. For
this reason, SC should not be held low in any attempt to operate
in a continuously converting mode.
END-OF-CONVERT
End-of-Convert (EOC) is a three-state output which is enabled
by End-of-Convert Enable EOCEN.
OUTPUT ENABLE OPERATION
The data bits (DB13–DB0) are three-state outputs that are
enabled by Chip Select (CS) and Output Enable (OE). CS
should be LOW tOE before OE is brought LOW. The output is
read in a single cycle as a 14-bit word.
In unipolar mode (BIPOFF tied to AGND), the output coding
is straight binary. In bipolar mode (BIPOFF tied to REFOUT),
output coding is twos complement binary.
POWER-UP
The AD779 typically requires 10
µs after power-up to reset
internal logic
14-BIT MODE CODING FORMAT (1 LSB = 0.61 mV)
Unipolar Coding
Bipolar Coding
(Straight Binary)
(Twos Complement)
VIN
Output Code
VIN
Output Code
0.00000 V
000 . . . 0
–5.00000 V
100 . . . 0
5.00000 V
100 . . . 0
–0.00061 V
111 . . . 1
9.99939 V
111 . . . 1
0.00000 V
000 . . . 0
+2.50000 V
010 . . . 0
+4.99939 V
011 . . . 1
Application Information
INPUT CONNECTIONS AND CALIBRATION
The high (10 M
Ω) input impedance of the AD779 eases the
task of interfacing to high source impedances or multiplexer
channel-to-channel mismatches of up to 300
Ω. The 10 V p-p
full-scale input range accepts the majority of signal voltages
without the need for voltage divider networks which could
deteriorate the accuracy of the ADC.
The AD779 is factory trimmed to minimize offset, gain and
linearity errors. In unipolar mode, the only external component
that is required is a 50
Ω ± 1% resistor. Two resistors are
required in bipolar mode. If offset and gain are not critical, even
these components can be eliminated.
In some applications, offset and gain errors need to be more
precisely trimmed. The following sections describe the correct
procedure for these various situations.
CONVERSION TRUTH TABLE
INPUTS
OUTPUTS
Mode
SC
EOCEN CS
OE
EOC
DB13 . . . DB0
Status
Start Conversion
1
X
X
X
No Conversion
f
X
X
X
Start Conversion
0
X
X
X
Continuous Conversion (Not Recommended)
Conversion Status
X
0
X
X
0
Converting
X
0
X
X
1
Not Converting
X
1
X
X
High Z
Either
Data Access
X
X
X
1
High Z
Three-State
X
X
1
X
High Z
Three-State
X
X
0
0
MSB . . . LSB
Data Out
NOTES
1 = HIGH voltage level.
0 = LOW voltage level.
X = Don’t care.
f = HIGH to LOW transition. Must stay LOW for t = tCP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com