| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
5KP bảng dữ liệu(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION |
|
|
|||||||||||||||||||||||||||||
5KP bảng dữ liệu(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION |
|
3 / 4 page ![]() Transient 5KP Series MERITEK Part Number Reverse Stand-Off Voltage Breakdown Voltage MIN.@IT Breakdown Voltage MAX.@IT Test Current Maximum Clamping Voltage @IPP Peak Pulse Current Reverse Leakage @VRWM UNI-POLAR BI-POLAR VRWM(V) VBR MIN.(V) VBR MAX.(V) IT(mA) VC(V) IPP(A) IR(μA) 5KP18A 5KP18CA 18.0 5KP20A 5KP20CA 20.0 5KP22A 5KP22CA 22.0 5KP24A 5KP24CA 24.0 5KP26A 5KP26CA 26.0 28. 5KP28A 5KP28CA 28.0 31. 5KP30A 5KP30CA 30.0 5KP33A 5KP33CA 33.0 5KP36A 5KP36CA 36.0 5KP40A 5KP40CA 40.0 5KP43A 5KP43CA 43.0 5KP45A 5KP45CA 45.0 5KP48A 5KP48CA 48.0 5KP51A 5KP51CA 51.0 5KP54A 5KP54CA 54.0 5KP58A 5KP58CA 58.0 5KP60A 5KP60CA 60.0 5KP64A 5KP64CA 64.0 5KP70A 5KP70CA 70.0 5KP75A 5KP75CA 75.0 5KP78A 5KP78CA 78.0 5KP85A 5KP85CA 85.0 5KP90A 5KP90CA 90.0 100. 5KP100A 5KP100CA 100.0 5KP110A 5KP110CA 110.0 5KP120A 5KP120CA 120.0 5KP130A 5KP130CA 130.0 5KP150A 5KP150CA 150.0 5KP160A 5KP160CA 160.0 5KP170A 5KP170CA 170.0 5KP180A 5KP180CA 180.0 5KP190A 5KP190CA 190.0 5KP200A 5KP200CA 200.0 5KP210A 5KP210CA 210.0 5KP220A 5KP220CA 220.0 5KP250A 5KP250CA 250.0 20.00 22.10 5 29.2 174.7 2 22.20 24.50 5 32.4 157.4 2 24.00 26.90 5 35.5 143.7 2 26.70 29.50 5 38.9 131.1 2 90 31.90 5 42.1 121.1 2 10 34.40 5 45.4 112.3 2 33.30 36.80 5 48.4 105.4 2 36.70 40.60 5 53.3 95.7 2 40.00 44.20 5 58.1 87.8 2 44.40 49.10 5 64.5 79.1 2 47.80 52.80 5 69.4 73.5 2 50.00 55.30 5 72.7 70.2 2 53.30 58.90 5 77.4 65.9 2 56.70 62.70 5 82.4 61.9 2 60.00 66.30 5 87.1 58.6 2 64.40 71.20 5 93.6 54.5 2 66.70 73.70 5 96.8 52.7 2 71.10 78.60 5 103.0 49.5 2 77.80 86.00 5 113.0 45.1 2 83.30 92.10 5 121.0 42.1 2 86.70 95.80 5 126.0 40.5 2 94.40 104.00 5 137.0 37.2 2 00 111.00 5 146.0 34.9 2 110.00 123.00 5 162.0 31.5 2 122.00 135.00 5 177.0 28.8 2 133.00 147.00 5 193.0 26.4 2 144.00 159.00 5 209.0 24.4 2 167.00 185.00 5 243.0 21.0 2 178.00 197.00 5 259.0 19.7 2 189.00 209.00 5 275.0 18.5 2 200.00 221.00 5 292.0 17.5 2 211.00 233.00 5 310.0 16.5 2 222.00 246.00 5 329.2 15.5 2 233.00 258.00 5 349.5 14.6 2 244.00 270.00 5 371.1 13.7 2 277.00 306.00 5 425.0 12.0 2 Note: For Bidirectional type having VRWM of 10 volts and less,the IR limit doubles. 3 Rev 7 |