| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SSL4120 bảng dữ liệu(PDF) 12 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SSL4120 bảng dữ liệu(HTML) 12 Page - NXP Semiconductors |
|
12 / 48 page ![]() SSL4120 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 2 — 1 November 2012 12 of 48 NXP Semiconductors SSL4120 Resonant power supply controller IC with PFC for LED lighting 7.5 IC protection 7.5.1 IC restart and shut-down In addition to the protection functions influencing the PFC and HBC controller operation, several protection functions are provided to disable both controllers. See the protection overview in Section 7.9 for details on which protection functions trigger a restart or protection shut-down. • Restart When the SSL4120 enters the Restart state, the PFC and HBC controllers are switched off. After a period defined by the restart timer, the IC automatically restarts following the normal start-up cycle. • Protection shut-down When the SSL4120 enters the Protection shut-down state, the PFC and HBC controllers are switched off. The Protection shut-down state is latched, the IC does not automatically start up again. It can be restarted by resetting the Protection shut-down state in one of the following ways: – lower VSUPIC and VSUPHV below their respective reset levels, Vrst(SUPIC) and Vrst(SUPHV) – using a fast shut-down reset (see Section 7.5.3). – using the enable pin (see Section 7.4) • Thermal hold In the Thermal hold state, the PFC and HBC controllers are switched off. The Thermal hold state remains active until the IC junction temperature drops to approximately 10 C below T otp (see Section 7.5.6). Fig 4. Circuit configuration around the SSHBC/EN pin 9HQ3)&(1 9HQ,&(1 66+%&(1 (QDEOHVXSSO\ VLJQDOWR!9 'LVDEOHVXSSO\ &VV+%& 7R VRIWVWDUW FLUFXLW OSX(1 9SX(1 (QDEOHGHWHFWLRQ (QDEOH,F (QDEOH,F3IF DDD 66/ |