| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS5262 bảng dữ liệu(PDF) 8 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AS5262 bảng dữ liệu(HTML) 8 Page - List of Unclassifed Manufacturers |
|
8 / 36 page ![]() AS5262 Datasheet - Electrical Character i s t ics www.ams.com Revision 1.1 8 - 36 7.4 Timing Characteristics 7.5 Power Management - Supply Monitor Table 6. Timing Conditions Symbol Parameter Conditions Min Typ Max Units TDETWD WachDog error detection time 12 ms Table 7. Power Management - Supply Monitor Conditions Symbol Parameter Conditions Min Typ Max Units VDDUVTH VDD undervoltage upper threshold 3.5 4.0 4.5 V VDDUVTL VDD undervoltage lower threshold 3.0 3.5 4.0 V VDDUVHYS VDD undervoltage hysteresis 300 500 900 mV VDDUVDET VDD undervoltage detection time 10 50 250 µs VDDUVREC VDD undervoltage recovery time 10 50 250 µs VDDOVTH VDD overvoltage upper threshold 6.0 6.5 7.0 V VDDOVTL VDD overvoltage lower threshold 5.5 6 6.5 V VDDOVHYS VDD overvoltage hysteresis 300 500 900 mV ANATOVDET VDD overvoltage detection time (analog path) 10 50 250 µs ANATOVREC VDD overvoltage recovery time (analog path) 10 50 250 µs |