| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24E bảng dữ liệu(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24E bảng dữ liệu(HTML) 13 Page - Microchip Technology |
|
13 / 30 page ![]() Introduction © 2010-2011 Microchip Technology Inc. DS51936B-page 13 1.2.2 Bottom Assembly The bottom assembly of the board includes these key features, as indicated in Figure 1-2: 1. PIC24FJ256GB106 USB microcontroller (U1) for on-board debugging. 2. Connector (J3) for various expansion boards such as the Multimedia Expansion Board (MEB) or the I/O Expansion Board. 3. USB Type micro-B receptacle (J4) for USB Device connectivity for dsPIC33E/ PIC24E USB device-based applications. FIGURE 1-2: STARTER KIT LAYOUT (BOTTOM SIDE) Note: Refer to Appendix A. “Board Layout and Schematics” for details on the mapping of device pins to the pins on the expansion connector. 1 2 3 |