công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SP3021 bảng dữ liệu(PDF) 4 Page - Littelfuse

tên linh kiện SP3021
Giải thích chi tiết về linh kiện  The SP3021 includes back-to-back TVS diodes fabricated in a proprietary silicon avalanche technology to provide protection for electronic equipment that may experience destructive electrostatic discharges (ESD).
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LITTELFUSE [Littelfuse]
Trang chủ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3021 bảng dữ liệu(HTML) 4 Page - Littelfuse

  SP3021 Datasheet HTML 1Page - Littelfuse SP3021 Datasheet HTML 2Page - Littelfuse SP3021 Datasheet HTML 3Page - Littelfuse SP3021 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
©2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/SPA for current information.
4
TVS Diode Arrays (SPA™Family of Products)
Revision: June 4, 2012
SP3021 Series
Low Capacitance ESD Protection - SP3021 Series
Recommanded Soldering
Pad Layout
Embossed Carrier Tape & Reel Specification — SOD882
Symbol
Millimeters
A0
0.70+/-0.045
B0
1.10+/-0.045
K0
0.65+/-0.045
F
3.50+/-0.05
P1
2.00+/-0.10
W
8.00 + 0.30 -0.10
Package Dimensions — SOD882
Notes :
1. All dimensions are in millimeters
Symbol
Package
SOD882
JEDEC
MO-236
Millimeters
Inches
Min
Typ
Max
Min
Typ
Max
A
0.95
1.00
1.05
0.037
0.039
0.041
B
0.55
0.60
0.65
0.022
0.024
0.026
C
0.50
0.55
0.60
0.020
0.022
0.024
D
0.45
0.018
E
0.20
0.25
0.30
0.008
0.010
0.012
F
0.45
0.50
0.55
0.018
0.020
0.022



Html Pages

1 2 3 4