| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD711 bảng dữ liệu(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD711 bảng dữ liệu(HTML) 12 Page - Analog Devices |
|
12 / 12 page ![]() AD711 REV. A –12– proper selection of R. To achieve optimal performance, the 0.001 µF capacitors must be selected for 1% or better matching and all resistors should have 1% or better tolerance. Figure 40. 9-Pole Chebychev Filter Figure 41. FDNR for 9-Pole Chebychev Filter Figure 42. High Frequency Response for 9-Pole Chebychev Filter OUTLINE DIMENSIONS Dimensions shown in inches and (mm). TO-99 (H) Package Cerdip (Q) Package Mini-DIP (N) Package Small Outline (R) Package |