| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS5490 bảng dữ liệu(PDF) 29 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5490 bảng dữ liệu(HTML) 29 Page - Cirrus Logic |
|
29 / 56 page ![]() CS5490 DS982F2 29 53 11 0101 - Reserved - 54* 11 0110 TGAIN Temperature Gain Y Y 0x 06 B716 55* 11 0111 TOFF Temperature Offset Y Y 0x D5 3998 56* 11 1000 - Reserved - 57 11 1001 TSETTLE Filter Settling Time to Conv. Startup Y Y 0x 00 001E 58* 11 1010 LoadMIN No Load Threshold Y Y 0x 00 0000 59* 11 1011 - Reserved - 60* 11 1100 SYSGAIN System Gain N Y 0x 50 0000 61 11 1101 Time System Time (in samples) N Y 0x 00 0000 62 11 1110 - Reserved - 63 11 1111 - Reserved - Notes: (1) Warning: Do not write to unpublished or reserved register locations. (2) * Registers with checksum protection. (3) Registers that can be set to write protect from DSP and/or HOST. 6.4 Software Registers Summary (Page 17) Address2 RA[5:0] Name Description1 DSP3 HOST 3 Default 0* 00 0000 VSagDUR V Sag Duration Y Y 0x 00 0000 1* 00 0001 VSagLevel V Sag Level Y Y 0x 00 0000 2 00 0010 - Reserved - 3 00 0011 - Reserved - 4* 00 0100 IOverDUR I Overcurrent Duration Y Y 0x 00 0000 5* 00 0101 IOverLEVEL I Overcurrent Level Y Y 0x 7F FFFF 6 00 0110 - Reserved - 7 00 0111 - Reserved - 8* 00 1000 - Reserved - 9* 00 1001 - Reserved - 10 00 1010 - Reserved - 11 00 1011 - Reserved - 12* 00 1100 - Reserved - 13* 00 1101 - Reserved - 14 00 1110 - Reserved - 15 00 1111 - Reserved - 16 01 0000 - Reserved - 17 01 0001 - Reserved - 18 01 0010 - Reserved - 19 01 0011 - Reserved - 20 01 0100 - Reserved - 21 01 0101 - Reserved - 22 01 0110 - Reserved - 23 01 0111 - Reserved - 24 01 1000 - Reserved - 25 01 1001 - Reserved - 26 01 1010 - Reserved - 27 01 1011 - Reserved - 28 01 1100 - Reserved - 29 01 1101 - Reserved - 30 01 1110 - Reserved - 31 01 1111 - Reserved - Notes: (1) Warning: Do not write to unpublished or reserved register locations. (2) * Registers with checksum protection. (3) Registers that can be set to write protect from DSP and/or HOST. |