| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS1631-FSZ bảng dữ liệu(PDF) 32 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS1631-FSZ bảng dữ liệu(HTML) 32 Page - Cirrus Logic |
|
32 / 56 page ![]() CS1630/31 32 DS954F2 6.8 Configuration 3 (Config3) – Address 35 7 654 32 10 STRING TT_MAX1 TT_MAX0 LED_ARG IPEAK2 IPEAK1 IPEAK0 - Number Name Description [7] STRING Configures second stage series/parallel output channel configuration. 0 = Second stage configured as parallel strings 1 = Second stage configured with strings in series [6:5] TT_MAX[1:0] Configures the maximum measurable second stage switching cycle period. 00 = 51.15 s 01 = 102.35 s 10 = 153.55 s 11 = 204.75 s [4] LED_ARG Configures which channel is connected to the color LED string (the string with a gain that is dependent on dim and temperature). 0 = Color LED string connected to channel 1 1 = Color LED string connected to channel 2 [3:1] IPEAK[2:0] Configures the minimum measurable peak current level on the second stage sense resistor when the gate drive is turned on along with the CLAMP[1:0] set- ting. IPEAK[2:0] is an unsigned integer in the range of 0 value7. The voltage on the FBSENSE pin that corresponds to the minimum peak current is calcu- lated using the following formula: [0] - Reserved 1.4 IPEAK[2:0] 1 + 16 15 + CLAMP[1:0] 8 – 8 + 512 --------------------------------------------------------------------------------------------------------------------------------------------------- |