| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM6TW-4824D-RZ bảng dữ liệu(PDF) 3 Page - AIMTEC |
|
|
|||||||||||||||||||||||||||||
AM6TW-4824D-RZ bảng dữ liệu(HTML) 3 Page - AIMTEC |
|
3 / 3 page ![]() Series AM6TW-RZ 6 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R12.E 3 of 3 North America only Pin Out Specifications Dimensions NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled by Aimtec; refer to www.aimtec.com for the most current product specifications. 2. Product labels shown, including safety agency certifications on labels, may vary based on the date manufactured. 3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. 5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release. 6. This product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate specific safety and regulatory standards other the ones listed in this datasheet. 7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com. Pin Single Dual 1 Omitted Omitted 2 -V Input -V Input 3 -V Input -V Input 9 Omitted Common 10 Omitted Omitted 11 N.C. -V Output 12/13 Omitted Omitted 14 +V Output +V Output 15 Omitted Omitted 16 -V Output Common 22 +V Input +V Input 23 +V Input +V Input 24 Omitted Omitted |