công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

110901-0010 bảng dữ liệu(PDF) 16 Page - ITT Industries

tên linh kiện 110901-0010
Giải thích chi tiết về linh kiện  DL / DLM / DLD ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

110901-0010 bảng dữ liệu(HTML) 16 Page - ITT Industries

Back Button 110901-0010 Datasheet HTML 12Page - ITT Industries 110901-0010 Datasheet HTML 13Page - ITT Industries 110901-0010 Datasheet HTML 14Page - ITT Industries 110901-0010 Datasheet HTML 15Page - ITT Industries 110901-0010 Datasheet HTML 16Page - ITT Industries 110901-0010 Datasheet HTML 17Page - ITT Industries 110901-0010 Datasheet HTML 18Page - ITT Industries 110901-0010 Datasheet HTML 19Page - ITT Industries 110901-0010 Datasheet HTML 20Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
15
ZIF Connectors
DL1
DL1 — Plastic Body — 156 Pin Connectors — Square Post Contacts
Plug
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 65.
For PC hole pattern, see page 60.
Front Removable 0,64 (.025) Square Posts
2,54 (.100) Centers.
Order actuating handle kit separately,
see page 47.
Part Number
Nomenclature
A
110535-0012
DL1-156PW4
15,37 (.605)
110535-0025
DL1-156PW4A
15,37 (.605)
110535-0026
DL1-156PW6
7,11 (.280)
110535-0030
DL1-156PW6A
7,11 (.280)
110535-0040
DL110535-40
3,18 (.125)
Receptacle
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 65.
For PC hole pattern, see page 60.
Front Removable 0,64 (.025) Square Posts
2,54 (.100) Centers.
Part Number
Nomenclature
A
110536-1003
DL1-156RW4
15,37 (.605)
110536-1006
DL1-156RW4B
15,37 (.605)
110536-1009
DL1-156RW6
7,11 (.280)
110536-1007
DL1-156RW6B
7,11 (.280)
110536-1011
DL110536-1011
3,18 (.125)
16,26 (.640)
100,03 (3.938)
4X Ø 3,03 (.119)
108,00 (4.255)
92,26 (3.631)
24,90 (.980)
7,92 (.312)
50,16
(1.975)
0,64 (.025)
A
6,35 (.250)
27,75
(1.093)
5 SPACES @ 2,54 (.100)
= 12,70 (.500)
12 SPACES @ 2,54 (.100)
= 30,48 (1.200)
CAMSHAFT
TURNING DIRECTION
12 SPACES @ 2,54 (.100)
= 30,48 (1.200)
20,10 (.792)
92,10 (3.626)
16,26 (.640)
100,03 (3.938)
4X Ø 3,03 (.119)
108,00 (4.255)
92,00 (3.622)
24,90 (.980)
7,75 (.305)
0,64 (.025)
A
6,35 (.250)
24,97 (.983)
5 SPACES @ 2,54 (.100)
= 12,70 (.500)
12 SPACES @ 2,54 (.100)
= 30,48 (1.200)
12 SPACES @ 2,54 (.100)
= 30,48 (1.200)
20,10 (.792)
92,10 (3.626)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76