| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM3T-2412S-RZ bảng dữ liệu(PDF) 2 Page - AIMTEC |
|
|
|||||||||||||||||||||||||||||
AM3T-2412S-RZ bảng dữ liệu(HTML) 2 Page - AIMTEC |
|
2 / 4 page ![]() Series AM3T-RZ 3 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R12.C 2 of 4 North America only Models Dual output (continued) Model Input Voltage (V) Output Voltage (V) Output Current max (mA) Isolation (VDC) Capacitive load, max (μF) Efficiency (%) AM3T-4803D-RZ 36-72 ±3.3 ±450 1500 ±220 72 AM3T-4805D-RZ 36-72 ±5 ±300 1500 ±220 76 AM3T-4807D-RZ 36-72 ±7.2 ±208 1500 ±33 78 AM3T-4809D-RZ 36-72 ±9 ±167 1500 ±33 78 AM3T-4812D-RZ 36-72 ±12 ±125 1500 ±22 80 AM3T-4815D-RZ 36-72 ±15 ±100 1500 ±22 80 AM3T-4818D-RZ 36-72 ±18 ±84 1500 ±10 78 AM3T-4824D-RZ 36-72 ±24 ±63 1500 ±10 80 Input Specifications Parameters Nominal Typical Maximum Units Voltage range 12 24 48 9-18 18-36 36-72 VDC Filter (Pi) Network Turn on Transient process time 350 ms Start up time 500 ms Absolute Maximum Rating 12 Vin 24 Vin 48 Vin -0.7-24 -0.7-40 -0.7-80 VDC Peak Input Voltage time 100 ms Isolation Specifications Parameters Conditions Typical Rated Units Tested I/O voltage 3 sec 1500 VDC Case/ Input & Output 1000 VDC Resistance > 1000 MOhm Capacitance 470 pF Output Specifications Parameters Conditions Typical Maximum Units Voltage accuracy ±1 % Voltage balance Dual output ±1 % Short Circuit protection Continuous Short Circuit restart Auto recovery Current limiting 120% of Iout max Line voltage regulation LL-HL ±0.5 % Load voltage regulation Load: 10…100% ±0.5 % Load voltage regulation 3.3V/±3.3V Models Load: 10…100% ±1.5 % Temperature coefficient ±0.02 %/ oC Ripple & Noise At 20MHz Bandwidth 60 mV p-p Rising time 10 ms General Specifications Parameters Conditions Typical Maximum Units Switching frequency 100% load 266 KHz Operating temperature Full Load without Derating -40 to +85 oC Storage temperature -40 to +125 oC Max Case temperature 100 oC Cooling Free air convection Humidity 95 % RH |