công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACT8937A bảng dữ liệu(PDF) 4 Page - Active-Semi, Inc

tên linh kiện ACT8937A
Giải thích chi tiết về linh kiện  Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ACTIVE-SEMI [Active-Semi, Inc]
Trang chủ  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8937A bảng dữ liệu(HTML) 4 Page - Active-Semi, Inc

  ACT8937A Datasheet HTML 1Page - Active-Semi, Inc ACT8937A Datasheet HTML 2Page - Active-Semi, Inc ACT8937A Datasheet HTML 3Page - Active-Semi, Inc ACT8937A Datasheet HTML 4Page - Active-Semi, Inc ACT8937A Datasheet HTML 5Page - Active-Semi, Inc ACT8937A Datasheet HTML 6Page - Active-Semi, Inc ACT8937A Datasheet HTML 7Page - Active-Semi, Inc ACT8937A Datasheet HTML 8Page - Active-Semi, Inc ACT8937A Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
ACT8937A
Rev 1, 22-Oct-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 4 -
www.active-semi.com
PIN CONFIGURATION
TOP VIEW
Thin - QFN (TQFN55-40)
ORDERING INFORMATION
PART NUMBER
VOUT1
VOUT2/VSTBY2
VOUT3/VSTBY3
VOUT4
VOUT5
VOUT6
VOUT7
PROCESSOR
ACT8937AQJ2PQ-T
3.3V
1.3V/1.2V
1.35V/1.2V
1.2V
1.2V
1.2V
3.3V
S5PC100
ACT8937AQJ21C-T
3.3V
1.1V/1.1V
1.25V/1.25V
1.1V
1.1V
1.1V
3.3V
S5PC110
S5PV210
ACT8937AQJ206-T
1.8V
1.1V/1.1V
1.25V/1.25V
1.1V
1.1V
1.1V
3.3V
S5PC110
S5PV210
ACT8937AQJ106-T
1.8V
1.1V/1.1V
1.25V/1.25V
1.1V
1.1V
1.1V
3.3V
S5PC110
S5PV210
ACT8937AQJ11C-T
3.3V
1.1V/1.1V
1.25V/1.25V
1.1V
1.1V
1.1V
3.3V
S5PC110
S5PV210
ACT8937AQJ1PQ-T
3.3V
1.3V/1.2V
1.35V/1.2V
1.2V
1.2V
1.2V
3.3V
S5PC100
: All Active-Semi components are RoHS Compliant and with Pb-free plating unless otherwise specified.
: Standard product options are listed in this table. Contact factory for custom options. Minimum order quantity is 12,000 units.
: To select VSTBYx as the output regulation voltage for REGx, drive VSEL to logic high. VSTBYx can be set by software via I
2C interface.
Refer to appropriate sections of this datasheet for VSTBYx setting.
ACTIVE
A33KY25
DATE CODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45