| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACT365 bảng dữ liệu(PDF) 8 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT365 bảng dữ liệu(HTML) 8 Page - Active-Semi, Inc |
|
8 / 11 page ![]() ACT365 Rev 1, 14-Nov-12 Innovative Power TM - 8 - www.active-semi.com Copyright © 2012 Active-Semi, Inc. TYPICAL APPLICATION CONT’D the input capacitor ground lead, and the ACT365 G pin to a single point (star ground configuration). VFB Sampling Waveforms ACT365 senses the output voltage information through the VFB waveforms. Proper VFB waveforms are required for IC to operate in a stable status. To avoid mis-sampling, 1.0µs blanking time is added to blank the ringing period due to the leakage inductance and the circuit parasitic capacitance. Figure 2 is the recommended VFB waveform to guarantee the correct sampling point so that the output information can be sent back into the IC to do the appropriate control. Figure 2: 1.0µs |