công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMA5920 bảng dữ liệu(PDF) 1 Page - Dc Components

tên linh kiện SMA5920
Giải thích chi tiết về linh kiện  TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES VOLTAGE RANGE - 6.2 to 200 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DCCOM [Dc Components]
Trang chủ  http://www.dccomponents.com
Logo DCCOM - Dc Components

SMA5920 bảng dữ liệu(HTML) 1 Page - Dc Components

  SMA5920 Datasheet HTML 1Page - Dc Components SMA5920 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SMA5920
THRU
SMA5956
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
Dimensions in inches(millimeters)
Fig. 1 - changes in the power dissipation
due to the ambient temperature.
2
1
Ta(oC)
0
50
100
150
Ambient Temperature.
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES
SYMBOL
VALUE
UNITS
Zener Current see Table "Characteristics"
Power Dissipation (Notes 1) at Tamb=25oC
Ptot
1.5
W
Peak Forward Surge Current, 8.3ms single half sine-wave
IFSM
superimposed on rated load (JEDEC Method) (Notes 2)
10
Amps
Maximum Forward Voltage at IF=200mA
VF
1.5
Volts
Operating and Storage Temperature
TJ,Tstg
-55 to + 150
o
C
Notes: 1. Mounted on 5.0mm2 (.013mm thick) land areas.
2. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
100
50
30
20
10
5
3
2
1
0.5
0.3
0.2
0.1
0
1
2
3
4
5
6
7
8
9
10
VZ, Zener Voltage(V)
Fig. 2 - VZ=3.9 Thru 10 Volts
FEATURES
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
*Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026
*Polarity: As Marked
* Mounting position: Any
* Weight: 0.064 gram
SMA(DO-214AC)
* Voltage Range:6.2V to 200V
* Build-in strain relief
* Glass passivated junction
* Low inductance
* Excellent clamping capability
* Low profile package
.114(2.90)
.098(2.50)
.181(4.60)
.157(4.00)
.062(1.60)
.055(1.40)
.012(0.305)
.006(0.152)
.008(0.203)
.002(0.051)
.208(5.28)
.188(4.80)
.060(1.52)
.030(0.76)
.096(2.44)
.078(2.00)
VOLTAGE RANGE - 6.2 to 200 Volts
POWER - 1.5 Watts


Số phần tương tự - SMA5920

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Dongguan City Niuhang E...
SMA5920A NIUHANG-SMA5920A Datasheet
512Kb / 3P
PLASTIC-ENCAPSULATE ZENER DIODE
logo
Shanghai Leiditech Elec...
SMA5920A LEIDITECH-SMA5920A Datasheet
612Kb / 3P
Surface Mount Silicon Zener Diodes
logo
Dc Components
SMA5920B DCCOM-SMA5920B Datasheet
47Kb / 2P
RECTIFIER SPECIALISTS
logo
SeCoS Halbleitertechnol...
SMA5920B SECOS-SMA5920B Datasheet
264Kb / 3P
1.5 Watts Surface Mount Zener Diode
logo
Yangzhou yangjie electr...
SMA5920B YANGJIE-SMA5920B Datasheet
403Kb / 4P
Thyristor Surge Suppressors
More results

Mô tả tương tự - SMA5920

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Dc Components
DLM4148 DCCOM-DLM4148 Datasheet
248Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SWITCHING DIODES VOLTAGE RANGE - 100 Volts
BZT52C2V4 DCCOM-BZT52C2V4 Datasheet
233Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES
BZT52C2V4S DCCOM-BZT52C2V4S Datasheet
246Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES
BZX84C2V4W DCCOM-BZX84C2V4W Datasheet
238Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES
MMBZ5221B DCCOM-MMBZ5221B Datasheet
244Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES
MMBZ5221BW DCCOM-MMBZ5221BW Datasheet
241Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES
MMSZ5221B DCCOM-MMSZ5221B Datasheet
234Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES
MMSZ5221BS DCCOM-MMSZ5221BS Datasheet
245Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES
MMSZ4735A DCCOM-MMSZ4735A Datasheet
63Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES VOLTAGE RANGE - 6.2 to 200 Volts
SMA1EZ6.2 DCCOM-SMA1EZ6.2 Datasheet
49Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES VOLTAGE RANGE - 6.2 to 300 Volts
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com