công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACE24C08A bảng dữ liệu(PDF) 3 Page - ACE Technology Co., LTD.

tên linh kiện ACE24C08A
Giải thích chi tiết về linh kiện  Two-wire Serial EEPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ACE [ACE Technology Co., LTD.]
Trang chủ  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C08A bảng dữ liệu(HTML) 3 Page - ACE Technology Co., LTD.

  ACE24C08A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24C08A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24C08A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24C08A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C08A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C08A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C08A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C08A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C08A Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ACE24C04/08A
Two-wire Serial EEPROM
VER 1.5
3
Ordering Information
ACE24C04/08A XX +
X
H
Pin Description
Serial Clock (SCL):
The SCL input is used to positive edge clock data into each EEPROM device and negative edge clock
data out of each device.
Serial Data (SDA):
The SDA pin is bi-directional for serial data transfer. This pin is open-drain driven and may be
wire-ORed with any number of other open-drain or open-collector devices.
Device/Page Addresses (A2,A1)
The ACE24C04A uses the A2 and A1 inputs for hard wire addressing and a total of four 4K devices
may be addressed on a single bus system. The A0 pin is a no connect and can be connected to
ground (device addressing is discussed in detail under the Device Addressing section).
The ACE24C08A only uses the A2 input for hardware addressing and total of two 8K devices may be
addressed on a single bus system. The A0 and A1 pins are no connects and can be connected to
ground (device addressing is discussed in detail under the Device Addressing section).
Write Protect (WP):
The ACE24C04/08A has a Write Protect pin that provides hardware data protection. The Write Protect pin
allows normal read/write operations when connected to ground (GND). When the Write Protect pin is conceded
to Vcc the write protection feature is enabled.
Write Protect Description
WP Pin Status
Part of the Array Protected
ACE24C04A
ACE24C08A
WP=VCC
Full (4K) Array
Full (8K) Array
WP=GND
Normal Read / Write Operations
Pb - free
U : Tube
T : Tape and Reel
DP : DIP-8
FM : SOP-8
TM : TSSOP-8
Halogen - free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com