| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD261AND-2 bảng dữ liệu(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD261AND-2 bảng dữ liệu(HTML) 5 Page - Analog Devices |
|
5 / 6 page ![]() AD261 –5– REV. 0 AD261-4 S0 F3 SYSTEM FIELD +5V dc 5V dc RTN +5V dc 5V dc RTN S1 S2 S3 S4 F0 F1 F2 F4 15 16 17 6 7 8 5 THREE- STATE LATCH E D LINE 0 +5V dcFLD 5V RTNFLD ENABLEFLD 5V RTNSYS +5V dcSYS ENABLESYS LATCH E D THREE- STATE LINE 4 LINE 3 LATCH E D THREE- STATE 4 LATCH E D THREE- STATE LINE 2 3 LATCH E D THREE- STATE LINE 1 2 AD261-5 S0 F3 SYSTEM FIELD +5V dc 5V dc RTN +5V dc 5V dc RTN S1 S2 S3 S4 F0 F1 F2 F4 15 16 17 6 7 8 5 +5V dcFLD 5V RTNFLD ENABLEFLD 5V RTNSYS +5V dcSYS ENABLESYS LATCH E D THREE- STATE LINE 4 LINE 3 LATCH E D THREE- STATE 4 LATCH E D THREE- STATE LINE 2 3 LATCH E D THREE- STATE LATCH E D THREE- STATE 2 LINE 0 LINE 1 AD261 CONFIGURATIONS (Continued from page 1) Field and System Enable Functions: Both the isolated and nonisolated sides of the AD261 have ENABLE pins that three- state all outputs. Upon reenabling these pins, all outputs are updated to reflect the current input logic level. CE Certifiable: Simply by adding the external bypass capacitors at the supply pins, the AD261 can attain CE certification in most applications (to the EMC directive) and conformance to the low voltage (safety) directive is assured by the EN60950 certification. GENERAL ATTRIBUTES The AD261 provides five HCMOS compatible isolated logic lines with ≥ 10 kV/µs common-mode transient immunity. The case design and pin arrangement provides greater than 18 mm spacing between field and system side conductors, pro- viding CSA/IS and IEC creepage spacing consistent with 750 V mains isolation. The five unidirectional logic lines have six possible combina- tions of “ins” and “outs,” or transmitter/receiver pairs; hence there are six AD261 part configurations (see Table I). Each 20 MHz logic line has a Schmidt trigger input and a three- state output (on the other side of the isolation barrier) and 14 ns of propagation delay. A single enable pin on either side of the barrier causes all outputs on that side to go three-state and all inputs (driven pins) to ignore their inputs and retain their last known state. Note: All unused logic inputs (1–5) should be tied either high or low, but not left floating. Edge “fidelity,” or the difference in propagation time for rising and falling edges, is typically less than ±1 ns. Power consumption, unlike opto-isolators, is a function of operat- ing frequency. Each logic line barrier driver requires about 160 µA per MHz and each receiver 40 µA per MHz plus, of course, 4 mA total idle current (each side). The supply current diminishes slightly with increasing temperature (about –0.03%/ °C). The total capacitance spanning the isolation barrier is less than 10 pF. The minimum period of a pulse that can be accurately coupled across the barrier is about 25 ns. Therefore the maximum square-wave frequency of operation is 20 MHz. Table I. Model Number and Pinout Function Pin AD261-0 AD261-1 AD261-2 AD261-3 AD261-4 AD261-5 1 S0 (Xmt) S0 (Xmt) S0 (Xmt) S0 (Xmt) S0 (Xmt) S0 (Rcv) 2 S1 (Xmt) S1 (Xmt) S1 (Xmt) S1 (Xmt) S1 (Rcv) S1 (Rcv) 3 S2 (Xmt) S2 (Xmt) S2 (Xmt) S2 (Rcv) S2 (Rcv) S2 (Rcv) 4 S3 (Xmt) S3 (Xmt) S3 (Rcv) S3 (Rcv) S3 (Rcv) S3 (Rcv) 5 S4 (Xmt) S4 (Rcv) S4 (Rcv) S4 (Rcv) S4 (Rcv) S4 (Rcv) 6 ENABLESYS * * *** 7 +5 V dcSYS * * *** 8 5 V RTNSYS * * *** 9–14 Not Present 15 5 V RTNFLD ** * * 16 +5 V dcFLD * * *** 17 ENABLEFLD * * *** 18 F0 (Rcv) F0 (Rcv) F0 (Rcv) F0 (Rcv) F0 (Rcv) F0 (Xmt) 19 F1 (Rcv) F1 (Rcv) F1 (Rcv) F1 (Rcv) F1 (Xmt) F1 (Xmt) 20 F2 (Rcv) F2 (Rcv) F2 (Rcv) F2 (Xmt) F2 (Xmt) F2 (Xmt) 21 F3 (Rcv) F3 (Rcv) F3 (Xmt) F3 (Xmt) F3 (Xmt) F3 (Xmt) 22 F4 (Rcv) F4 (Xmt) F4 (Xmt) F4 (Xmt) F4 (Xmt) F4 (Xmt) *Pin function is the same on all models, as shown in the AD261-0 column. |