công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZSPM4121AI1W21 bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện ZSPM4121AI1W21
Giải thích chi tiết về linh kiện  Under-Voltage Load Switch for Smart Battery Management
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ZSPM4121AI1W21 bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button ZSPM4121AI1W21 Datasheet HTML 3Page - Analog Devices ZSPM4121AI1W21 Datasheet HTML 4Page - Analog Devices ZSPM4121AI1W21 Datasheet HTML 5Page - Analog Devices ZSPM4121AI1W21 Datasheet HTML 6Page - Analog Devices ZSPM4121AI1W21 Datasheet HTML 7Page - Analog Devices ZSPM4121AI1W21 Datasheet HTML 8Page - Analog Devices ZSPM4121AI1W21 Datasheet HTML 9Page - Analog Devices ZSPM4121AI1W21 Datasheet HTML 10Page - Analog Devices ZSPM4121AI1W21 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ZSPM4121
Under-Voltage Load Switch for Smart Battery Management
Data Sheet
April 30, 2012
© 2012 Zentrum Mikroelektronik Dresden AG
— Rev. 1.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the
prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
7 of 17
1.4.
Electrical Characteristics
Electrical characteristics for VCC = 1.2V to 5.5 (unless otherwise noted). Minimum and maximum characteristics
are tested at TJ = 25°C.
Table 1.4
Electrical Characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input Supply
Input Supply Voltage at
VCC pin
VCC
1.2
5.5
V
Quiescent Current:
On Mode
Iq-ON
VCC = 5V, no load
70
150
nA
Quiescent Current:
Off Mode
Iq-OFF
VCC < VTHRESH, no load
100
pA
Load Switch
Over-Current Shutdown
IOC
VCC = 5.0V
3
A
Over-Current Retry Period
tOC
VCC = 5.0V
1.7
ms
Output Switch Leakage
Current
ILEAK-SW
VCC < VTHRESH; VOUT grounded
100
pA
Switch ON-Resistance
Rds-on
VCC = 5.0V
175
m
VCC = 3.3V
200
m
VCC = 1.8V
350
m
Transition Times
Transition Delay:
On Mode to Off Mode
td1
VOFF = 2.0V, VCC = 3.0V  1.5V
650
s
Transition Delay:
Off Mode to On Mode
td2
VOFF = 2.0V, VCC = 1.5V  3.0V
1.7
ms
Output Turn-on Rise Time
tON
VCC = 2.5V, RLOAD = 50
200
µs
NPG Output
Output Leakage
ILEAK-NPG
VCC = 5.0V, VNPG = 5.5V
100
nA
Low-Level Output Voltage
VOL-NPG
INPG = 5 mA
0.4
V
Off Thresholds
Off Threshold
VOFF
VTHRESH = customer-selected
threshold voltage in the range of
1.2V to 4.2V with 100mV steps
between options programmed at
manufacturing
0.95
VTHRESH
VTHRESH
1.05
VTHRESH
V
Off Mode to On Mode
Hysteresis
VHys
Rising Transition:
Off Mode to On Mode
500
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com