| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS2702-16 bảng dữ liệu(PDF) 5 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS2702-16 bảng dữ liệu(HTML) 5 Page - ams AG |
|
5 / 18 page ![]() AS-Interface Slave IC AS2702 (SAP4.1) Rev. C, January 2001 Page 5 of 18 Notes: 1 50 V during t > 50 µs; repetition rate < 0.5 Hz 2 Latch-up immunity test. Pls. observe max. power dissipation allowed. 3 Human body model: R = 1.5 kOhm; C = 100 pF 4 Machine model; applies only for LTGP-LTGN 5 260 °C during 10 s (reflow and wave soldering); 360 °C during 3 s for manual solder- ing. Twofold reflow soldering is acceptable. 6 Free convection, see fig. 1 7 No forced cooling. PCB-surface: 21 cm2; still air volume around the device: 10 cm 3 Fig. 1: Max. acceptable power dissipation relative to ambient temperature b) Recommended Operating Conditions 6\PERO 3DUDPHWHU PLQ QRP PD[ 8QLW 1RWH VLTGP Positive supply voltage / dc portion 17.5 34 V 1 ILTG Supply current consumption 6 mA 2 OA Ambient temperature - 25 25 85 °C 3 FC Quartz frequency 5.3333 33 MHz 4 Sensitivity against moisture 5 Notes: 1 False-poling protection diode to be inserted between pos. AS-interface bus line and LTGP-pin. LTGP-pin to be protected furthermore with a voltage clamp between LTGP and LTGN. 2 Oscillator on; data transmission stage off; no loads connected 3 Power dissipation restrictions as per fig. 1 to be observed 4 ASI Quarz 5 Level 5 acc. to JEDEC-standard JESD22-A112, Table 1 1 0,5 50 100 t/ °C Pv/ W 1 0,5 50 100 t/ °C Pv/ W 62,& 62,& |