| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ENA2104 bảng dữ liệu(PDF) 2 Page - Sanyo Semicon Device |
|
|
|||||||||||||||||||||||||||||
ENA2104 bảng dữ liệu(HTML) 2 Page - Sanyo Semicon Device |
|
2 / 16 page ![]() LV5980MC No.A2104-2/16 Specifications Absolute Maximum Ratings at Ta = 25°C Parameter Symbol Conditions Ratings Unit Input voltage VIN max 25 V Allowable pin voltage VIN-SW 30 V VIN-PDR 6 V REF 6 V SS/HICCUP REF V FB REF V COMP REF V Allowable power dissipation Pd max Specified substrate *1 1.35 W Operating temperature Topr -40 to +85 °C Storage temperature Tstg -55 to +150 °C *1 Specified substrate : 50.0mm × 50.0mm × 1.6mm, fiberglass epoxy printed circuit board, 4 layers Note 1 : Absolute maximum ratings represent the values which cannot be exceeded for any length of time. Note 2 : Even when the device is used within the range of absolute maximum ratings, as a result of continuous usage under high temperature, high current, high voltage, or drastic temperature change, the reliability of the IC may be degraded. Please contact us for the further details. Recommended Operating Conditions at Ta = 25°C Parameter Symbol Conditions Ratings Unit Input voltage range VIN 4.5 to 23 V Electrical Characteristics at Ta = 25°C, VIN = 15V Parameter Symbol Conditions Ratings Unit min typ max Reference voltage Internal reference voltage VREF 1.210 1.235 1.260 V Pch drive voltage VPDR IOUT = 0 to -5mA VIN-5.5 VIN-5.0 VIN-4.5 V Saw wave oscillator Oscillatory frequency FOSC 310 370 430 kHz Soft start circuit Soft start • source current ISS_SC 1.2 1.8 2.4 µA Soft start • sink current ISS_SK VIN = 3V, SS = 0.4V 300 µA UVLO circuit UVLO release voltage VUVLON FB = COMP 3.3 3.7 4.1 V UVLO lock voltage VUVLOF FB = COMP 3.02 3.42 3.82 V Error amplifier Input bias current IEA_IN -100 -10 nA Error amplifier gain GEA 100 220 380 µA/V Output sink current IEA_OSK FB = 1.75V -30 -17 -8 µA Output source current IEA_OSC FB = 0.75V 8 17 30 µA Over current limit circuit Current limit peak ICL 3.5 4.7 6.2 A HICCUP timer start-up cycle NCYC 15 cycle HICCUP comparator threshold voltage VtHIC 0.15 V HICCUP timer discharge current IHIC 0.25 µA PWM comparator Maximum on-duty DMAX 94 % Output Output on resistance RON IO = 0.5A 100 m Ω The entire device Light load mode consumption current ISLEEP No switching 63 83 µA Thermal shutdown TSD Design guarantee *2 170 °C *2 : Design guarantee: Signifies target value in design. These parameters are not tested in an independent IC. |