| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MFPROT_LP bảng dữ liệu(PDF) 16 Page - rfsolutions.ltd |
|
|
|||||||||||||||||||||||||||||
MFPROT_LP bảng dữ liệu(HTML) 16 Page - rfsolutions.ltd |
|
16 / 35 page ![]() ib technology 16 The third argument specifies the destination block address where the incremented data is stored. Note that source and destination blocks must be within same authenticated sector. The four byte positive integer to add follows (least significant byte first). B7 B0 Command: 0 1 0 0 1 0 0 1 (Ascii “I”, 0x49) Argument1: N N N N N N N N (N = MF source block address 0 – 255) Argument2: T x x K K K K K (T = Key Type, 0 = KeyA, 1= KeyB) (K = Key code number, 0 – 31) Argument3: N N N N N N N N (N = MF destination block address 0 – 255) Argument4: D D D D D D D D (D = LS byte of integer to add) Argument5: D D D D D D D D Argument6: D D D D D D D D Argument7: D D D D D D D D (D = MS byte of integer to add) Acknowledge: 1 F F F F F F X (F = Status flags) Dec Value (only operates on Value Data Structure) Command to decrement integer within a Value Data Structure. The DEC Value command operates as the INC command except the integer parameter is subtracted from the loaded value. The first argument is the source block address to load data from, the second argument specifies which key code and type to use for sector authentication (0-31 and if it is KeyA or KeyB type). The third argument specifies the destination block address where the decremented data is stored. Note that source and destination blocks must be within same authenticated sector. The four byte positive integer to subtract follows (least significant byte first). B7 B0 Command: 0 1 0 0 0 1 0 0 (Ascii “D”, 0x44) Argument1: N N N N N N N N (N = MF source block address 0 – 255) Argument2: T x x K K K K K (T = Key Type, 0 = KeyA, 1= KeyB) (K = Key code number, 0 – 31) Argument3: N N N N N N N N (N = MF destination block address 0 – 255) Argument4: D D D D D D D D (D = LS byte of integer to subtract) Argument5: D D D D D D D D Argument6: D D D D D D D D Argument7: D D D D D D D D (D = MS byte of integer to subtract) Acknowledge: 1 F F F F F F X (F = Status flags) Transfer Value (only operates on Value Data Structure) Command to transfer (copy) Value Data Structure. The command loads the value from the specified block address and then stores the result at the same or another block address. As with INC and DEC commands the source block must have been formatted as a Value Block beforehand and the block addresses must be within same authenticated sector. 4 byte integer 4 byte integer |