| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DBM25SNMBK52 bảng dữ liệu(PDF) 79 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DBM25SNMBK52 bảng dữ liệu(HTML) 79 Page - ITT Industries |
|
79 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 78 D Subminiature Combo D Solder Cup (Sizes DE-DD) Part Numbers Shell Size Layout Through Hole Dual Float Mount Clinch Nut #4-40 UNC DE 5W1 DEM5W1PK87 DEMY5W1PK87 DEME5W1PK87 DA 7W2 DAM7W2PK87 DAMY7W2PK87 DAME7W2PK87 DA 11W1 DAM11W1PK87 DAMY11W1PK87 DAME11W1PK87 DA 3W3 DAM3W3PK87 DAMY3W3PK87 DAME3W3PK87 DA 3WK3 DAM3WK3PK87 DAMY3WK3PK87 DAME3WK3PK87 DB 5W5 DBMP5W5PK87 DBMY5W5PK87 DBME5W5PK87 DB 9W4 DBM9W4PK87 DBMY9W4PK87 DBME9W4PK87 DB 13W3 DBM13W3PK87 DBMY13W3PK87 DBME13W3PK87 DB 17W2 DBM17W2PK87 DBMY17W2PK87 DBME17W2PK87 DB 21W1 DBM21W1PK87 DBMY21W1PK87 DBME21W1PK87 DC 8W8 DCM8W8PK87 DCMY8W8PK87 DCME8W8PK87 DC 13W6 DCM13W6PK87 DCMY13W6PK87 DCME13W6PK87 DC 17W5 DCM17W5PK87 DCMY17W5PK87 DCME17W5PK87 DC 21WA4 DCM21WA4PK87 DCMY21WA4PK87 DCME21WA4PK87 DC 25W3 DCM25W3PK87 DCMY25W3PK87 DCME25W3PK87 DC 27W2 DCM27W2PK87 DCMY27W2PK87 DCME27W2PK87 DD 24W7 DDM24W7PK87 DDMY24W7PK87 DDME24W7PK87 DD 36W4 DDM36W4PK87 DDMY36W4PK87 DDME36W4PK87 DD 43W2 DDM43W2PK87 DDMY43W2PK87 DDME43W2PK87 DD 47W1 DDM47W1PK87 DDMY47W1PK87 DDME47W1PK87 For contacts with 30 microinches gold substitute K127 for K87. Example: DEM5W1PK127 For M3 clinch nuts substitute X for E. Example: DEMX5W1PK87 Keyed. Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,368 (.0145) W ±0,41 (.016) K ±0,317 (.0125) K ±0,25 (.010) L ±0,25 (.010) DE 30,81 (1.213) 16,92 (.666) 24,99 (.984) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 1,206 (.0475) — 0,76 (.030) DA 39,14 (1.541) 25,25 (.994) 33,32 (1.312) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 1,206 (.0475) — 0,76 (.030) DB 53,04 (2.088) 38,96 (1.534) 47,04 (1.852) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) DC 69,32 (2.729) 55,42 (2.182) 63,50 (2.500) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) DD 66,93 (2.635) 52,81 (2.079) 61,11 (2.406) 11,07 (.436) 15,37 (.605) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) Plug Engaging Face 10 ° E D A B Ø 3,05 (.120) C Reader’s Resource For contact cavity arrangements, see page 222. For panel cutouts, see page 221. For hardware views (Standard), see page 226. L K 2,84 (.112) 5,69 (.224) DD Configuration 10,72 (.422) MAX F W 2,84 (.112) |