| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS-ZULUT bảng dữ liệu(PDF) 13 Page - rfsolutions.ltd |
|
|
|||||||||||||||||||||||||||||
DS-ZULUT bảng dữ liệu(HTML) 13 Page - rfsolutions.ltd |
|
13 / 17 page ![]() ZULU Telemetry ZULU Telemetry ZULU Telemetry ZULU Telemetry DS-ZULUT-1 ZuluT Evaluation Board Configuration ZuluT Evaluation Board Configuration ZuluT Evaluation Board Configuration ZuluT Evaluation Board Configuration Overview Overview Overview Overview When paired together the outputs of the receiver will follow the inputs at the transmitter The serial outputs also provide data from the receiver To get up an running complete the following; 1. Set the jumper links as below 2. Screw in Antenna 3. Apply power 4. Pair together the receiver and transmitter board Jumper Links Jumper Links Jumper Links Jumper Links Note that the Jumper links are read on Power up only Reference Reference Reference Reference Name Name Name Name When Fitted When Fitted When Fitted When Fitted When Open When Open When Open When Open J3 A/D I/O 1 & 2 are analogue operation I/O 1 & 2 are set to Digital operation J3 Channel Select Zulu operates on Channel A Zulu operates on Channel B LK1-LK4 Comms Select All links from Centre to USB All links from Centre to RS232 N/A J4 TX/ RX Select Zulu set as Transmitter Zulu set as Receiver J4 (Receiver) PWM Enable Enables PWM Output Output’s 1& 2 set to Digital J4 (Transmitter) Watchdog Enable Watchdog enabled Watchdog Disabled LK5 (Receiver) PWM Supply Vcc: PWM is powered from Vcc VSUPPLY: PWM is powered from incoming V supply at TB1 |