công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATSAM4S8BA-MU bảng dữ liệu(PDF) 25 Page - ATMEL Corporation

tên linh kiện ATSAM4S8BA-MU
Giải thích chi tiết về linh kiện  ARM-based Flash MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM4S8BA-MU bảng dữ liệu(HTML) 25 Page - ATMEL Corporation

Back Button ATSAM4S8BA-MU Datasheet HTML 21Page - ATMEL Corporation ATSAM4S8BA-MU Datasheet HTML 22Page - ATMEL Corporation ATSAM4S8BA-MU Datasheet HTML 23Page - ATMEL Corporation ATSAM4S8BA-MU Datasheet HTML 24Page - ATMEL Corporation ATSAM4S8BA-MU Datasheet HTML 25Page - ATMEL Corporation ATSAM4S8BA-MU Datasheet HTML 26Page - ATMEL Corporation ATSAM4S8BA-MU Datasheet HTML 27Page - ATMEL Corporation ATSAM4S8BA-MU Datasheet HTML 28Page - ATMEL Corporation ATSAM4S8BA-MU Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 67 page
background image
25
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
5.7
Fast Startup
The SAM4S allows the processor to restart in a few microseconds while the processor is in wait
mode or in sleep mode. A fast start up can occur upon detection of a low level on one of the 19
wake-up inputs (WKUP0 to 15 + SM + RTC + RTT).
The fast restart circuitry, as shown in Figure 5-5, is fully asynchronous and provides a fast start-
up signal to the Power Management Controller. As soon as the fast start-up signal is asserted,
the PMC automatically restarts the embedded 4/8/12 MHz Fast RC oscillator, switches the mas-
ter clock on this 4 MHz clock and reenables the processor clock.
Figure 5-5.
Fast Start-Up Sources
fast_restart
WKUP15
FSTT15
FSTP15
WKUP1
FSTT1
FSTP1
WKUP0
FSTT0
FSTP0
RTTAL
RTCAL
USBAL
RTT Alarm
RTC Alarm
USB Alarm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67