| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SAM4SD16B bảng dữ liệu(PDF) 10 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
SAM4SD16B bảng dữ liệu(HTML) 10 Page - ATMEL Corporation |
|
10 / 67 page ![]() 10 11100BS–ATARM–31-Jul-12 SAM4S Series [Preliminary] Universal Synchronous Asynchronous Receiver Transmitter USARTx SCKx USARTx Serial Clock I/O TXDx USARTx Transmit Data I/O RXDx USARTx Receive Data Input RTSx USARTx Request To Send Output CTSx USARTx Clear To Send Input DTR1 USART1 Data Terminal Ready I/O DSR1 USART1 Data Set Ready Input DCD1 USART1 Data Carrier Detect Output RI1 USART1 Ring Indicator Input Synchronous Serial Controller - SSC TD SSC Transmit Data Output RD SSC Receive Data Input TK SSC Transmit Clock I/O RK SSC Receive Clock I/O TF SSC Transmit Frame Sync I/O RF SSC Receive Frame Sync I/O Timer/Counter - TC TCLKx TC Channel x External Clock Input Input TIOAx TC Channel x I/O Line A I/O TIOBx TC Channel x I/O Line B I/O Pulse Width Modulation Controller- PWMC PWMHx PWM Waveform Output High for channel x Output PWMLx PWM Waveform Output Low for channel x Output The only output in complementary mode when dead time insertion is enabled. PWMFI0 PWM Fault Input Input Serial Peripheral Interface - SPI MISO Master In Slave Out I/O MOSI Master Out Slave In I/O SPCK SPI Serial Clock I/O SPI_NPCS0 SPI Peripheral Chip Select 0 I/O Low SPI_NPCS1 - SPI_NPCS3 SPI Peripheral Chip Select Output Low Table 3-1. Signal Description List (Continued) Signal Name Function Type Active Level Voltage reference Comments |