công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SAM4SD32C bảng dữ liệu(PDF) 30 Page - ATMEL Corporation

tên linh kiện SAM4SD32C
Giải thích chi tiết về linh kiện  ARM-based Flash MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM4SD32C bảng dữ liệu(HTML) 30 Page - ATMEL Corporation

Back Button SAM4SD32C Datasheet HTML 26Page - ATMEL Corporation SAM4SD32C Datasheet HTML 27Page - ATMEL Corporation SAM4SD32C Datasheet HTML 28Page - ATMEL Corporation SAM4SD32C Datasheet HTML 29Page - ATMEL Corporation SAM4SD32C Datasheet HTML 30Page - ATMEL Corporation SAM4SD32C Datasheet HTML 31Page - ATMEL Corporation SAM4SD32C Datasheet HTML 32Page - ATMEL Corporation SAM4SD32C Datasheet HTML 33Page - ATMEL Corporation SAM4SD32C Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 67 page
background image
30
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
7.5
Master to Slave Access
All the Masters can normally access all the Slaves. However, some paths do not make sense,
for example allowing access from the Cortex-M4 S Bus to the Internal ROM. Thus, these paths
are forbidden or simply not wired, and shown as “-” in the following table.
7.6
Peripheral DMA Controller
• Handles data transfer between peripherals and memories
• Low bus arbitration overhead
– One Master Clock cycle needed for a transfer from memory to peripheral
– Two Master Clock cycles needed for a transfer from peripheral to memory
• Next Pointer management for reducing interrupt latency requirement
The Peripheral DMA Controller handles transfer requests from the channel according to the fol-
lowing priorities (Low to High priorities):
Table 7-3.
SAM4S Master to Slave Access
Slaves
Masters
0
1
2
3
Cortex-M4 I/D
Bus
Cortex-M4 S
Bus
PDC
CRCCU
0
Internal SRAM
-
X
X
X
1
Internal ROM
X
-
X
X
2
Internal Flash
X
-
-
X
3
External Bus Interface
-
X
X
X
4
Peripheral Bridge
-
X
X
-
Table 7-4.
Peripheral DMA Controller
Instance name
Channel T/R
PWM
Transmit
TWI1
Transmit
TWI0
Transmit
UART1
Transmit
UART0
Transmit
USART1
Transmit
USART0
Transmit
DACC
Transmit
SPI
Transmit
SSC
Transmit
HSMCI
Transmit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67