| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DAM7W2SNM bảng dữ liệu(PDF) 81 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DAM7W2SNM bảng dữ liệu(HTML) 81 Page - ITT Industries |
|
81 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 80 D Subminiature Combo D Crimp Cable Connectors without Contacts (Sizes DA-DD) Plug Reader’s Resource For contact cavity arrangements, see page 222. For panel cutouts, see page 221. Part Numbers Shell Size Layout Part Number DA 7W2 DAA7W2PK87F0 DA 11W1 DAA11W1PK87F0 DA 3W3 DAA3W3PK87F0 DB 5W5 DBA5W5PK87F0 DB 9W4 DBA9W4PK87F0 DB 13W3 DBA13W3PK87F0 DB 17W2 DBA17W2PK87F0 DB 21W1 DBA21W1PK87F0 DC 8W8 DCA8W8PK87F0 DC 21WA4 DCA21WA4PK87F0 DC 25W3 DCA25W3PK87F0 DD 24W7 DDA24W7PK87F0 DD 36W4 DDA36W4PK87F0 Note: For crimp (Size 20) contacts and tooling, see pages 83 & 275. Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,368 (.0145) W ±0,41 (.016) K ±0,317 (.0125) K ±0,25 (.010) L ±0,25 (.010) DE 30,81 (1.213) 16,92 (.666) 24,99 (.984) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 1,206 (.0475) — 0,76 (.030) DA 39,14 (1.541) 25,25 (.994) 33,32 (1.312) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 1,206 (.0475) — 0,76 (.030) DB 53,04 (2.088) 38,96 (1.534) 47,04 (1.852) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) DC 69,32 (2.729) 55,42 (2.182) 63,50 (2.500) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) DD 66,93 (2.635) 52,81 (2.079) 61,11 (2.406) 11,07 (.436) 15,37 (.605) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) Engaging Face L K 10,92 (.430) MAX A C B E D 10 ° |