công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

W49F102 bảng dữ liệu(PDF) 9 Page - Winbond

tên linh kiện W49F102
Giải thích chi tiết về linh kiện  64K X 16 CMOS FLASH MEMORY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WINBOND [Winbond]
Trang chủ  http://www.winbond.com
Logo WINBOND - Winbond

W49F102 bảng dữ liệu(HTML) 9 Page - Winbond

Back Button W49F102 Datasheet HTML 5Page - Winbond W49F102 Datasheet HTML 6Page - Winbond W49F102 Datasheet HTML 7Page - Winbond W49F102 Datasheet HTML 8Page - Winbond W49F102 Datasheet HTML 9Page - Winbond W49F102 Datasheet HTML 10Page - Winbond W49F102 Datasheet HTML 11Page - Winbond W49F102 Datasheet HTML 12Page - Winbond W49F102 Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
W49F102
Publication Release Date: October 2000
- 9 -
Revision A3
Command Codes for Product Identification and Boot Block Lockout Detection
BYTE
SEQUENCE
PRODUCT IDENTIFICATION/BOOT
BLOCK LOCKOUT DETECTION ENTRY
SOFTWARE PRODUCT
IDENTIFICATION/BOOT BLOCK LOCKOUT
DETECTION EXIT (6)
ADDRESS
DATA
ADDRESS
DATA
1 Write
5555
AA
5555H
AAH
2 Write
2AAA
55
2AAAH
55H
3 Write
5555
90
5555H
F0H
Pause 10
µS
Pause 10
µS
Software Product Identification and Boot Block Lockout Detection Acquisition Flow
Product
Identification
Entry (1)
Load data 55
to
address 2AAA
Load data 90
to
address 5555
Pause 10 S
Product
Identification
and Boot Block
Lockout Detection
Mode (3)
Read address = 00000
data = DA
Read address = 00001
data = 2F
Read address = 00002
data = FF/FE
(4)
Product
Identification Exit (6)
Load data 55
to
address 2AAA
Load data F0
to
address 5555
Normal Mode
(5)
(2)
(2)
Load data AA
to
address 5555
µ
Load data AA
to
address 5555
Pause 10 S
µ
Notes for software product identification/boot block lockout detection:
(1) Data Format: DQ15-DQ8 (Don't Care), DQ7
−DQ0 (Hex); Address Format: A14−A0 (Hex)
(2) A1
−A15 = VIL; manufacture code is read for A0 = VIL; device code is read for A0 = VIH.
(3) The device does not remain in identification and boot block lockout detection mode if power down.
(4) If the output data is "FF Hex," the boot block programming lockout feature is activated; if the output data "FE Hex," the lockout feature is
inactivated and the block can be programmed.
(5) The device returns to standard operation mode.
(6) Optional 1-write cycle (write F0 hex at XXXX address) can be used to exit the product identification/boot block lockout detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com