công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DBM25SNM bảng dữ liệu(PDF) 19 Page - ITT Industries

tên linh kiện DBM25SNM
Giải thích chi tiết về linh kiện  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DBM25SNM bảng dữ liệu(HTML) 19 Page - ITT Industries

Back Button DBM25SNM Datasheet HTML 15Page - ITT Industries DBM25SNM Datasheet HTML 16Page - ITT Industries DBM25SNM Datasheet HTML 17Page - ITT Industries DBM25SNM Datasheet HTML 18Page - ITT Industries DBM25SNM Datasheet HTML 19Page - ITT Industries DBM25SNM Datasheet HTML 20Page - ITT Industries DBM25SNM Datasheet HTML 21Page - ITT Industries DBM25SNM Datasheet HTML 22Page - ITT Industries DBM25SNM Datasheet HTML 23Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
18
D Subminiature
ZED*
90
° Solder Termination (Stamped) — Standard Footprint .318 inch
Part Numbers
Shell Size
Layout
Plastic Bracket,
Integrated Grounding
Strap, Boardlock,
Threaded Insert
#4-40 UNC
Plastic Bracket,
Integrated Grounding
Strap, Boardlock,
Screw Lock
#4-40 UNC
DE
9
ZEDEL9PBA
ZEDE9PBA
DA
15
ZEDAL15PBA
ZEDA15PBA
DB
25
ZEDBL25PBA
ZEDB25PBA
DC
37
ZEDCL37PBA
ZEDC37PBA
Note: For contacts with 30 microinches of gold add -30. Example: ZEDEL9PBA-30
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,25 (.010)
C
±0,25 (.010)
DE
30,89 (1.216)
16,92 (.666)
24,99 (.984)
DA
39,09 (1.539)
25,25 (.994)
33,32 (1.312)
DB
53,09 (2.090)
38,96 (1.534)
47,04 (1.852)
DC
69,40 (2.732)
55,42 (2.182)
63,50 (2.500)
Plug
Engaging Face
Selection Guide
For Product Features, Specifications,
Materials and Finishes, see pages 14-15.
Reader’s Resource
For contact cavity arrangements,
see page 224.
For P.C. hole patterns, see page 272.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
A
C
B
10
°
2X GROUNDING HOOK
12,93 - 12,17
(.509 - .479)
8,61 - 8,11
(.339 - .319)
2X SCREW LOCK
#4-40 UNC
9,77 - 9,27
(.387 - .365)
6,09 - 5,59
(.240 - .220)
18,45 - 17,69
(.726 - .696)
4,06 - 3,30
(.160 - .130)
2,84 (.112)
8,33 - 7,83
(.328 - .308)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More