công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT9505 bảng dữ liệu(PDF) 1 Page - Richtek Technology Corporation

tên linh kiện RT9505
Giải thích chi tiết về linh kiện  Linear Single Cell Li-Ion Battery Charger IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9505 bảng dữ liệu(HTML) 1 Page - Richtek Technology Corporation

  RT9505 Datasheet HTML 1Page - Richtek Technology Corporation RT9505 Datasheet HTML 2Page - Richtek Technology Corporation RT9505 Datasheet HTML 3Page - Richtek Technology Corporation RT9505 Datasheet HTML 4Page - Richtek Technology Corporation RT9505 Datasheet HTML 5Page - Richtek Technology Corporation RT9505 Datasheet HTML 6Page - Richtek Technology Corporation RT9505 Datasheet HTML 7Page - Richtek Technology Corporation RT9505 Datasheet HTML 8Page - Richtek Technology Corporation RT9505 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RT9505
1
DS9505-02 April 2011
www.richtek.com
Features
18V Maximum Rating for AC Adapter
Internal Integrate P-MOSFETs
AC Adapter Power Good Status Indicator
Charge Status Indicator
Under Voltage Protection
Over Voltage Protection
Automatic Recharge Feature
Battery Temperature Monitoring
Small 10-Lead WDFN Package
Thermal Feedback Optimizing Charge Rate
RoHS Compliant and 100% Lead (Pb)-Free
Pin Configurations
Applications
Digital Cameras
Cellular Phones
Personal Data Assistants (PDAs)
MP3 Players
Hand Held PCs
Ordering Information
General Description
The RT9505 is a fully integrated low cost single-cell Li-
Ion battery charger IC ideal for portable applications. The
RT9505 is capable of being powered up from AC adapter.
The RT9505 enters sleep mode when AC adapter is
removed.
The RT9505 optimizes the charging task by using a control
algorithm including preconditioning mode, fast charge
mode and constant voltage mode. The charging task is
terminated as the charge current drops below the preset
threshold. The AC adapter charge current can be
programmed up to 1A with an external resister. The internal
thermal feedback circuitry regulates the die temperature
to optimize the charge rate for all ambient temperatures.
The RT9505 features 18V maximum rating voltages for
AC adapter. The other features are under voltage
protection, over voltage protection for AC adapter supply
and battery temperature monitoring.
(TOP VIEW)
WDFN-10L 3x3
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
ACIN
NC
GND
BATT
TS
ISETA
NC
9
8
7
1
2
3
4
5
10
GND
CHG_S
PGOOD
EN
11
Linear Single Cell Li-Ion Battery Charger IC
RT9505
Package Type
QW : WDFN-10L 3x3 (W-Type)
Lead Plating System
P : Pb Free
G : Green (Halogen Free and Pb Free)


Số phần tương tự - RT9505

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Richtek Technology Corp...
RT9501 RICHTEK-RT9501 Datasheet
209Kb / 9P
Advanced Lithium-Ion Linear Battery Charger
RT9501A RICHTEK-RT9501A Datasheet
205Kb / 9P
Advanced Lithium-lon Linear Battery Charger
RT9501A RICHTEK-RT9501A Datasheet
209Kb / 9P
Advanced Lithium-Ion Linear Battery Charger
RT9501ACF RICHTEK-RT9501ACF Datasheet
205Kb / 9P
Advanced Lithium-lon Linear Battery Charger
RT9501AGF RICHTEK-RT9501AGF Datasheet
209Kb / 9P
Advanced Lithium-Ion Linear Battery Charger
More results

Mô tả tương tự - RT9505

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Richtek Technology Corp...
RT9513 RICHTEK-RT9513 Datasheet
207Kb / 9P
Linear Single Cell Li-Ion Battery Charger IC
RT9514 RICHTEK-RT9514 Datasheet
166Kb / 10P
Linear Single Cell Li-Ion Battery Charger IC
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
logo
Torex Semiconductor
XC6802 TOREX-XC6802_12 Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
XC6802-12 TOREX-XC6802-12 Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
XC6802 TOREX-XC6802_15 Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5805 GMT-G5805 Datasheet
74Kb / 1P
Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
Linear Single Cell Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com