công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT9945 bảng dữ liệu(PDF) 22 Page - Richtek Technology Corporation

tên linh kiện RT9945
Giải thích chi tiết về linh kiện  Power Management ICs for Handheld Device
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9945 bảng dữ liệu(HTML) 22 Page - Richtek Technology Corporation

Back Button RT9945 Datasheet HTML 18Page - Richtek Technology Corporation RT9945 Datasheet HTML 19Page - Richtek Technology Corporation RT9945 Datasheet HTML 20Page - Richtek Technology Corporation RT9945 Datasheet HTML 21Page - Richtek Technology Corporation RT9945 Datasheet HTML 22Page - Richtek Technology Corporation RT9945 Datasheet HTML 23Page - Richtek Technology Corporation RT9945 Datasheet HTML 24Page - Richtek Technology Corporation RT9945 Datasheet HTML 25Page - Richtek Technology Corporation RT9945 Datasheet HTML 26Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
RT9945
22
DS9945-01 April 2011
www.richtek.com
Power on
LDO3
BUCK1
LDO1
PWR_EN
LDO2
LDO4
LDO5
BUCK2
PWR_HOLD
I
2C : LDO4/5_EN
nRESET
320ms
100µs
100µs
BUCK2 PG
200ms
VDD_IO
VDD_MEM
VDD_alive
VDD_CORE
VDD_PLL
Normal Mode
PWR_ON
Sleep Mode
Power off
Table 5. Interrupt Register Table
Register
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Name
PWR_IN
PWR_OUT
PWR_ID
Reserved TIME_OUT CHG_DONE Reserved Reserved
Default
0
1
0
0
0
0
0
0
function
If PWR_IN
= Hi, this bit
will be set.
If PWR_IN =
Lo, this bit
will be set.
If PWR_IN = H
& PWR_ID = H
this bit will be
set
This bit will
be set if
charger
time out.
This bit will
be set if
charge done.
INT
Event
Yes
Yes
Yes
NO
Yes
Yes
NO
NO
If this internal interrupt event is set without mask, the interrupt controller will set nINT to low if any interrupt behavior
happened. Then processor will be acknowledged by nINT and then read register status by I2C interface. PMU will accept
this READ OK status and let the nINT return to high (Figure 8).
Figure 7. RT9945 POWER ON/OFF Timing Diagram
Interrupt Mode
The RT9945 interruption controller monitors multiple system status parameters and signals to the host when one of the
monitored parameters toggled, as a result of system status change. If the external interrupt event happened, the internal
interrupt flag of the RT9945 will be triggered. The interrupt flag with no mask will set the INT to low state. The host
processor receives the active low signal and then try to read the interrupt register by I2C interface. The interrupt controller
setting and function in register are listed in the Table 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com