công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT9715FPB bảng dữ liệu(PDF) 4 Page - Richtek Technology Corporation

tên linh kiện RT9715FPB
Giải thích chi tiết về linh kiện  90m廓, 2A/1.5A/1.1A/0.7A High-Side Power Switches with Flag
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9715FPB bảng dữ liệu(HTML) 4 Page - Richtek Technology Corporation

  RT9715FPB Datasheet HTML 1Page - Richtek Technology Corporation RT9715FPB Datasheet HTML 2Page - Richtek Technology Corporation RT9715FPB Datasheet HTML 3Page - Richtek Technology Corporation RT9715FPB Datasheet HTML 4Page - Richtek Technology Corporation RT9715FPB Datasheet HTML 5Page - Richtek Technology Corporation RT9715FPB Datasheet HTML 6Page - Richtek Technology Corporation RT9715FPB Datasheet HTML 7Page - Richtek Technology Corporation RT9715FPB Datasheet HTML 8Page - Richtek Technology Corporation RT9715FPB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
RT9715
4
DS9715-03 April 2011
www.richtek.com
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Note 2.
θJA is measured in the natural convection at TA = 25°C on a low effective single layer thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Logic_High Voltage
VIH
VIN = 2.7V to 5.5V
2
--
--
V
EN/EN
Threshold
Logic_Low Voltage
VIL
VIN = 2.7V to 5.5V
--
--
0.8
V
EN/EN Input Current
IEN/EN
VEN = 5V
--
0.01
0.1
uA
Output Leakage Current
ILEAKAGE
VEN = 0V, RLOAD = 0Ω
--
0.5
1
uA
Output Turn-On Rise Time
TON_RISE
10% to 90% of VOUT Rising
--
200
--
us
FLG Output Resistance
RFLG
ISINK = 1mA
--
20
--
Ω
FLG Off Current
IFLG_OFF
VFLG = 5V
--
0.01
1
uA
FLG Delay Time
TD
From fault condition to FLG
assertion
5
12
20
ms
Shutdown Auto-Discharge
Resistance
RDischarge
VEN = 0V, VEN = 5V
--
100
150
Ω
Under-Voltage Lockout
VUVLO
VIN Rising
1.3
1.7
--
V
Under-Voltage Hysteresis
ΔVUVLO
VIN Decreasing
--
0.1
--
V
VOUT > 1V
--
120
--
°C
Thermal Shutdown Protection
TSD
VOUT = 0V
--
100
--
°C
Thermal Shutdown Hysteresis
VOUT = 0V
--
20
--
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com