| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RT5002 bảng dữ liệu(PDF) 37 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT5002 bảng dữ liệu(HTML) 37 Page - Richtek Technology Corporation |
|
37 / 40 page ![]() RT5002 37 DS5002-00 November 2011 www.richtek.com Figure 5. PCB Layout Guide L1 C4 C22 R4 R1 C12 R10 R3 C9 L2 C21 D5 D4 C5 L7 L5 C13 R5 C18 C6 L3 C7 C17 R7 R16 C15 L4 R13 C20 C3 C1 L6 C2 D1 D2 C14 VOUT_CH1 VOUT_CH4 VOUT_CH5 VOUT_CH3 VOUT_CH2 SYS GND GND VOUT_CH7 GND SYS LX should be connected to Inductor by wide and short trace, keep sensitive compontents away from this trace. Connect the Exposed Pad to a ground plane. Place the feedback components as close as possible to the FB pin and keep away from noisy devices. Input/Output capacitors must be placed as close as possible to the Input/Output pins. R9 C19 D3 C24 SYS SYS C10 R8 C8 SYS C11 RISETA R17 R11 R12 R6 The RISETA connection copper area should be minimized and kept far away from noise sources. Bypass Cap GND GND GND GND GND GND GND R2 C16 RNTC INT FB7 VDDM FB4 PVD4 LX4 BATS PVD7 LX7 FB1 WAKE LX5 TSSEL FB3 PVD3 LX3 EN1234 PVD5 FB5 FB2 1 2 3 4 5 6 7 8 9 10 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 31 32 33 34 35 36 37 38 39 40 41 GND |