| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RTP18080-20 bảng dữ liệu(PDF) 2 Page - RFHIC |
|
|
|||||||||||||||||||||||||||||
RTP18080-20 bảng dữ liệu(HTML) 2 Page - RFHIC |
|
2 / 7 page ![]() Preliminary GaN Power Amp Pallet RTP18080-20 Environmental Characteristics Parameter Symbol Min. Typ. Max. Unit Operating Ambient Temperature Ta -30 +65 °C Storage Temperature Tstg -40 +130 °C Relative humidity w/o condensation RH 95 % Maximum Ratings Input Overdrive POD -2dBm Max. Load VSWR Ψ ∞ : 1 (All Phase & Amplitude) Nom. Operating Case Temperature Tc +90 °C Interface Connector 8-Pin-Control (MOLEX_5267_08) Pin # Description Specifications 1 Vcc +5.6V 2 Vcc +45V 3 Vcc +45V 4 Vcc +45V 5 GND GROUND 6 GND GROUND 7 GND GROUND 8 GND GROUND 4Pin-Control (SMW200-04P) Pin # Description Specifications 1 Enable/Disable Amp Enable(+5.6V) / Amp Disable(+0V) 2 GND GROUND 3 GND GROUND 4 Temp DET Temp Sense (900mV @ 40 ℃) Tel : 82-31-250-5078 ▪ All specifications may change without notice. rfsales@rfhic.com ▪ Version 0.1 |