| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LCX026ALF bảng dữ liệu(PDF) 21 Page - Sony Corporation |
|
|
|||||||||||||||||||||||||||||
LCX026ALF bảng dữ liệu(HTML) 21 Page - Sony Corporation |
|
21 / 24 page ![]() – 21 – LCX026ALF 3. 6-dot Simultaneous Sampling The horizontal shift register samples signals SIG1 to SIG6 simultaneously. This requires phase matching between signals SIG1 to SIG6 to prevent the horizontal resolution from deteriorating. Thus, phase matching between each signal is required using an external signal delaying circuit before applying the video signal to the LCD panel. The block diagram of the delaying procedure using the sample-and-hold method is as follows. The following phase relationship diagram indicates the phase setting for right scan (RGT = High level). For left scan (RGT = Low level), the phase settings for signals SIG1 to SIG6 are exactly reversed. S/H CK1 CK2 SIG3 SIG6 SIG1 SIG3 SIG6 SIG1 SIG2 SIG2 SIG4 SIG4 SIG5 SIG5 CK3 CK4 CK5 S/H S/H S/H S/H S/H CK6 S/H S/H S/H S/H S/H 6 4 3 5 7 8 HCKn CK1 CK3 CK5 CK2 CK4 CK6 <Phase relationship of delaying sample-and-hold pulses> (right scan) |