| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LCX020BK bảng dữ liệu(PDF) 21 Page - Sony Corporation |
|
|
|||||||||||||||||||||||||||||
LCX020BK bảng dữ liệu(HTML) 21 Page - Sony Corporation |
|
21 / 24 page ![]() – 21 – LCX020BK 3. 18-dot Simultaneous Sampling The horizontal shift register performs SIGR1 to SIGR6, SIGG1 to SIGG6 and SIGB1 to SIGB6 signal sampling simultaneously, which requires phase matching between each signal to prevent the horizontal resolution from deteriorating. Phase matching by an external signal delaying circuit is needed before applying video signals to the LCD panel. The block diagram of the delaying procedure using the sample-and-hold method is as follows. The following phase relationship diagram indicates the phase setting for right-direction scanning (RGT = High level). For left- direction scanning (RGT = Low level), the phase settings should be inverted for the SIGR1 to SIGR6, SIGG1 to SIGG6 and SIGB1 to SIGB6 signals. S/H CK1 CK2 CK3 CK4 CK5 S/H S/H S/H S/H S/H CK6 S/H S/H S/H S/H S/H SIGR1, SIGG1, SIGB1 SIGR2, SIGG2, SIGB2 SIGR3, SIGG3, SIGB3 SIGR4, SIGG4, SIGB4 SIGR5, SIGG5, SIGB5 SIGR6, SIGG6, SIGB6 SIGR1, SIGG1, SIGB1 SIGR2, SIGG2, SIGB2 SIGR3, SIGG3, SIGB3 SIGR4, SIGG4, SIGB4 SIGR5, SIGG5, SIGB5 SIGR6, SIGG6, SIGB6 HCKn CK1 CK3 CK5 CK2 CK4 CK6 <Phase relationship of delaying sample-and-hold pulses> (right-direction scanning) |