| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DCMAM37P bảng dữ liệu(PDF) 14 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DCMAM37P bảng dữ liệu(HTML) 14 Page - ITT Industries |
|
14 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 13 D Subminiature D* Wrap Post Termination Part Numbers Shell Size Layout Through Hole DE 9 DE9S-F179A-A197 DA 15 DA15S-F179A-A197 DB 25 DB25S-F179A-A197 DC 37 DC37S-F179A-A197 DD 50 DD50S-F179A-A197 Modification Code Number of Wraps X max. Y ±0,89 (.035) F179 2 10,21 (.402) 15,20 (.598) F179A 3 13,61 (.536) 18,60 (.732) Dimensions Shell Size A ±0,13 (.005) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,38 (.015) L ±0,25 (.010) DE 30,81 (1.213) 16,33 (.643) 24,99 (.984) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 0,76 (.030) DA 39,14 (1.541) 24,66 (.971) 33,32 (1.312) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 0,76 (.030) DB 53,04 (2.088) 38,38 (1.511) 47,04 (1.852) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 0,76 (.030) DC 69,32 (2.729) 54,84 (2.159) 63,50 (2.500) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 0,76 (.030) DD 66,93 (2.635) 52,42 (2.064) 61,11 (2.406) 10,74 (.423) 15,37 (.605) 10,90 (.429) 6,94 (.273) 0,76 (.030) Receptacle Engaging Face X Y REF 0,61 (.024) 2,84 (.112) 5,69 (.224) L W F 2.84 (.112) DD Configuration Selection Guide For Product Features, Specifications, Materials and Finishes, see pages 2-3. Reader’s Resource For contact cavity arrangements, see page 224. For P.C. hole patterns, see page 274. For panel cutouts, see page 221. For hardware views (Standard), see page 226. D E B C A 10 ° Ø 3,05 (.120) POSITION 1 |