| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DEMM9P bảng dữ liệu(PDF) 50 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DEMM9P bảng dữ liệu(HTML) 50 Page - ITT Industries |
|
50 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 49 D Subminiature Combo D 3C3 Shielded Special — Receptacle only Receptacle Engaging Face Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,25 (.010) DA 39,14 (1.541) 24,66 (.971) 33,32 (1.312) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,17 (.243) A C B E D 10 ° 9,37 (.369) 12,12 (.477) Reader’s Resource For contact cavity arrangements, see page 223. For P.C. hole patterns, see page 231. For panel cutouts, see page 221. Note: Connector supplied with boardlocks. Materials and Finishes Body Material: Zinc Body Finish: Tin Coaxial Center Contact Finish: 30 inches Gold Note: For additional materials and finishes, see introduction page 43. Part Number DAM53512-1405 4,19 - 2,79 (.165 - .110) 0,56 (.023) Ø 0,51 (.020) 2,54 (.100) 12,62 (.497) F W |