| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DBM25SC bảng dữ liệu(PDF) 223 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DBM25SC bảng dữ liệu(HTML) 223 Page - ITT Industries |
|
223 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change D Subminiature Reader’s Resource Plug Contact Cavity Arrangements — Combo D A2 A1 A3 2 A2 3 A1 5 4 1 7 A1 6 1 10 4 2 3 9 5 8 3 1 4 A1 2 3 1 5 2 4 A1 1 A3 4 A2 2 3 5 A4 5 A2 10 3 6 9 A1 A3 7 21 8 4 2 814 A1 12 6 15 7 9 4 A2 1 10 13 11 3 5 10 20 19 18 17 9 16 8 7 6 A1 5 15 4 3 2 12 1 13 11 14 A7 A1 A2 A5 A3 A6 A8 A4 6 A5 2 3 A4 A2 1 4 A3 A1 A6 5 7 9 12 11 10 A3 3 A5 8 1 4 7 A2 2 A4 A1 6 5 9 8 7 17 A2 6 16 A1 15 5 10 4 13 A3 A4 12 3 2 1 14 11 1 A3 11 910 20 8 19 18 7 17 16 56 15 4 21 13 3 14 12 2 A1 22 A2 711 3 12 10 5 14 23 13 8 18 9 17 22 25 19 1 24 4 16 A2 15 20 A1 2 21 6 6 7 12 17 16 A4 11 A1 A2 A6 3 4 A3 5 13 15 9 A5 A7 8 14 10 12 17 19 21 A1 20 24 16 18 23 22 A2 A3 1 9 23 10 4 11 25 5 12 26 6 13 7 27 14 8 28 15 29 A4 30 31 32 16 14 6 26 A1 15 1 17 A2 25 4 41 40 39 38 37 36 24 35 23 12 34 11 22 33 21 10 32 9 20 31 19 8 30 18 7 29 2 13 3 28 27 5 15 5 19 20 6 4 26 18 3 21 7 2 17 8 22 1 16 23 28 29 36 9 27 39 37 38 10 41 11 12 14 13 43 25 45 24 40 44 42 35 46 31 32 30 33 34 A1 Shell Size Contact Arrangment No. of Size 20 Cavities No. of Size 8 Cavities E 5W1 4 #20 1#8 A 3W3 0 #20 3 #8 A 7W2 5 #20 2 #8 A 11W1 10 #20 1#8 Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities B 5W5 0 #20 5 #8 B 9W4 5 #20 4 #8 B 13W3 10 #20 3 #8 Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities B 17W2 15 #20 2 #8 B 21W1 20 #20 1#8 Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities C 8W8 0 #20 8 #8 C 13W6 7 #20 6 #8 C 17W5 12 #20 5 #8 Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities C 21WA4 17 #20 4 #8 C 25W3 22 #20 3 #8 C 27W2 25 #20 2 #8 Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities D 24W7 17 #20 7 #8 D 36W4 32 #20 4 #8 Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities D 43W2 41 #20 2 #8 D 47W1 46 #20 1#8 Note: Size 8 Cavities will Accommodate Removable Coaxial, High Power and/or High Voltage Contacts. Face View Pin Insert A1 A3 A 3WK3 0 3 222 |